Electronic Components Datasheet Search
  English  ▼

X  

MTW2812D Datasheet(PDF) 3 Page - Interpoint Corporation Company

Part # MTW2812D
Description  ??5째C to 85째C operation 18 to 40 VDC input 50 V for 50 ms transient protection
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MTW2812D Datasheet(HTML) 3 Page - Interpoint Corporation Company

  MTW2812D Datasheet HTML 1Page - Interpoint Corporation Company MTW2812D Datasheet HTML 2Page - Interpoint Corporation Company MTW2812D Datasheet HTML 3Page - Interpoint Corporation Company MTW2812D Datasheet HTML 4Page - Interpoint Corporation Company MTW2812D Datasheet HTML 5Page - Interpoint Corporation Company MTW2812D Datasheet HTML 6Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Electrical Characteristics: 25°C Tc, 28 VDC Vin, 100% load, unless otherwise specified.
Notes
1.Up to 90% of full power is available from either output
providing the total power does not exceed 30 watts.
2.The effect on the output voltage of either output (held at 3
watts) when the other output is varied from 3 to 27 watts.
3.A low output impedance power source is required on the
input to realize this start-up time. If less than full surge
current is available, start-up time will be longer
pin out
BOTTOM VIEW
MTW
Squared corner and dot on
top of cover indicate pin one.
10
9
8
7
6
1
2
3
4
5
See case J5 for dimensions.
figure 1: pin Out
pin
MtW2805s
single output dual output
1
Positive Input
Positive Input
Positive Input
2
Inhibit
Inhibit
No connection
3
Sense Return
No connection Positive Output
4
Output Common
Output Common Output Common
5
Positive Output
Positive Output Negative Output
6
Positive Sense
No connection No connection
7
Case Ground
Case Ground
Case Ground
8
No connection
No connection Inhibit
9
No connection
No connection Input Common
10
Input Common
Input Common Input Common
DUAL OUTPUT MODELS
MTW2812D
MTW2815D
units
paraMeter
COnDitiOns
Min
tYp
MaX Min tYp MaX
Output VOltage
+ VOut
11.88 12.0 12.12
11.88 12.0 12.12
14.85 15.0 15.15
14.85 15.0 15.15
VDC
- VOut
Output Current
—
—
2.5 —
—
2.0
A
Output pOwer1
tC
= -55°C tO +85°C
—
—
30.0 —
—
30.0
W
Output ripple
bw
≤ 2 MHz
—
50
85 —
50
85
mV p-p
line regulatiOn
Vin = 18 tO 40
—
10
25 —
10
25
mV
lOaD regulatiOn
nO lOaD tO full
—
20
50 —
20
50
mV
CrOss regulatiOn2
+ VOut
—
2.5
3.5
—
2.5
3.5
—
2.2
3.2
—
2.2
3.2
%
- VOut
input VOltage
tC
= -55°C tO +85°C
COntinuOus
18
28
40
—
—
50
18
28
40
—
—
50
VDC
transient
50 ms
input Current
nO lOaD
—
35
50
—
—
1350
—
—
24
—
45
60
—
—
1400
—
—
24
mA
full lOaD
inhibiteD
input ripple
bw
≤ 2 MHz
—
15
50 —
15
50
mA p-p
effiCienCY
81
84
— 82
85
—
%
start
-up
DelaY3
—
30
—
—
500
—
—
30
—
—
500
—
ms
mV
OVershOOt
MTW SERIES
30 WATT
DC/DC COnVerters
Page 3 of 6
MTW Rev C 20100212
www.interpoint.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com