Electronic Components Datasheet Search
  English  ▼

X  

SMRT2812S Datasheet(PDF) 19 Page - Interpoint Corporation Company

Part # SMRT2812S
Description  Built in MIL-STD-461 EMI filter Output trim from 51% to 124% of nominal
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SMRT2812S Datasheet(HTML) 19 Page - Interpoint Corporation Company

Back Button SMRT2812S Datasheet HTML 11Page - Interpoint Corporation Company SMRT2812S Datasheet HTML 12Page - Interpoint Corporation Company SMRT2812S Datasheet HTML 13Page - Interpoint Corporation Company SMRT2812S Datasheet HTML 14Page - Interpoint Corporation Company SMRT2812S Datasheet HTML 15Page - Interpoint Corporation Company SMRT2812S Datasheet HTML 16Page - Interpoint Corporation Company SMRT2812S Datasheet HTML 17Page - Interpoint Corporation Company SMRT2812S Datasheet HTML 18Page - Interpoint Corporation Company SMRT2812S Datasheet HTML 19Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 19 / 19 page
background image
CLASS H AND K, MIL-PRF-38534
RADIATION HARDNESS ASSURANCE (RHA)
rAdIAtIon hArdneSS
ASSurAnce leVelS 1
ENVIRONMENTAL SCREENING LEVELS
SPACE
PROTOTYPE (O)
NON
-QML2
CLASS H
QML
CLASS K
QML
O 3 Standard, no radiation guarantee
OO
N/A
N/A
p Radiation tolerant–
Tested lots up to 30 kRads (Si) total dose.
SEE 4 guarantee up to 80 MeV-cm2/mg
N/A
HP
KP
r Radiation tolerant–
Tested lots up to 100 kRads (Si) total dose.
SEE 4 guarantee up to 80 MeV-cm2/mg
N/A
HR
KR
F Radiation tolerant–
Tested lots up to 300 kRads (Si) total dose.
SEE 4 guarantee up to 80 MeV-cm2/mg
N/A
N/A
KF
notes:
1. Redmond site, Interpoint, has a DSCC approved Radiation Hardness Assurance plan. Our SMD products with RHA “P”, “R,” or “F” code
meet DSCC requirements.
2. Space Prototype (O), non-QML, products do not meet all of the requirements of MIL-PRF-38534.
3. Interpoint model numbers use an “O” in the RHA designator position to indicate the “-” (dash) Radiation Hardness Assurance level of
MIL-PRF-38534, which is defined as “no RHA”
4. no upset at the pins.
SCreenIng table 3: raDIatIOn harDneSS aSSuranCe
Crane Aerospace & Electronics Power Solutions
SMRT28 Single, Dual and Triple SMRT28 Rev E - 20100216. This revision supersedes all previous releases. All technical information is believed
to be accurate, but no responsibility is assumed for errors or omissions. Interpoint reserves the right to make changes in products or specifications
without notice. SMRT Series is a trademark of Interpoint. Copyright © 1999 - 2010 Interpoint Corporation. All rights reserved. www.interpoint.com
Page 19 of 19
sMrt28 single, Dual and triple space Dc/Dc converters
28 VOLt Input – 35 Watt – space quaLIFIeD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com