Electronic Components Datasheet Search
  English  ▼

X  

SMRT2812S Datasheet(PDF) 9 Page - Interpoint Corporation Company

Part # SMRT2812S
Description  Built in MIL-STD-461 EMI filter Output trim from 51% to 124% of nominal
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SMRT2812S Datasheet(HTML) 9 Page - Interpoint Corporation Company

Back Button SMRT2812S Datasheet HTML 5Page - Interpoint Corporation Company SMRT2812S Datasheet HTML 6Page - Interpoint Corporation Company SMRT2812S Datasheet HTML 7Page - Interpoint Corporation Company SMRT2812S Datasheet HTML 8Page - Interpoint Corporation Company SMRT2812S Datasheet HTML 9Page - Interpoint Corporation Company SMRT2812S Datasheet HTML 10Page - Interpoint Corporation Company SMRT2812S Datasheet HTML 11Page - Interpoint Corporation Company SMRT2812S Datasheet HTML 12Page - Interpoint Corporation Company SMRT2812S Datasheet HTML 13Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Electrical Characteristics: -55°C to +125°C TC, 28 VDC Vin, 100% load, unless otherwise specified.
DUAL OUTPUT MODELS
SMRT2805D
SMRT2812D
SMRT2815D
unItS
parameter
COnDItIOnS
MIn
TYP
MAX
MIn
TYP
MAX
MIn
TYP
MAX
Output VOltage
VOut a
4.90
5.00
5.10 11.76 12.00 12.24 14.70 15.00 15.30
VDC
VOut b
4.90
5.00
5.10 11.76 12.00 12.24 14.70 15.00 15.30
Output Current 2, 3
VOut a
—
—
3.0
—
—
1.46
—
—
1.17
VOut b
—
—
3.0
—
—
1.46
—
—
1.17
A
Output pOwer 2, 3
VIn = 19 tO 56 VDC
VOut a
0
—
15
0
—
17.5
0
—
17.5
W
VOut b
0
—
15
0
—
17.5
0
—
17.5
Output rIpple
10 khz - 20 mhz
—
—
200
—
—
200
—
—
180
mV p-p
lIne regulatIOn 2
VIn = 19, 50 VDC
—
—
30
—
5
25
—
5
30
mV
lOaD regulatIOn
—
5
40
—
5
50
—
5
40
mV
VIn = 19, 50 VDC
—
—
70
—
—
100
—
—
70
tOtal regulatIOn 1
VOUT
all COnDItIOnS OF
lIne, lOaD, agIng,
temp anD raDIatIOn
±4.6
—
±5.4
±10.9
—
±13.1 ±14.0
—
±16.0
VDC
Input VOltage 4
COntInuOuS
19
28
56
19
28
56
19
28
56
VDC
tranSIent 100 ms
0
—
80
0
—
80
0
—
80
V
Input Current
InhIbIteD 4
—
—
50
—
—
50
—
—
50
mA
nO lOaD
—
—
110
—
—
110
—
—
110
Input rIpple
Current 4
10 kHz - 20 MHz
—
10
50
—
10
150
—
10
50
mA p-p
eFFICIenCy
66
—
—
75
—
—
75
—
—
%
lOaD Fault 5, 6
pOwer DISSIpatIOn
—
—
28
—
—
20
—
—
20
W
reCOVery 1
—
—
25
—
—
25
—
—
25
ms
Step lOaD
reSpOnSe 6, 7, 8
tranSIent
—
—
±450
—
—
±450
—
—
±575
mV pk
reCOVery
—
—
3
—
—
2
—
—
3
ms
Step lIne
reSpOnSe 1, 6, 7
19 - 50 - 19 VIn
tranSIent
—
—
±500
—
—
±1000
—
—
±700
mv pk
reCOVery
—
—
4
—
—
3
—
—
4
ms
Start-up 9
Delay
nO lOaD anD Full
—
—
25
—
—
20
—
—
25
ms
OVerShOOt
—
—
50
—
—
350
—
—
150
mV pk
CapaCItIVe lOaD1
tC = 25°C
unCOnDItIOnally
Stable, Start-up
Delay InCreaSeD
—
—
5000
—
—
5000
—
—
5000
µF
notes
1. guaranteed by design, not tested.
2. The specified maximum current/power is available from each output.
3. To maintain tight regulation over the full input voltage range a minimum load of 2% of full load should be used on all outputs.
4. Converters meet MIL-STD-461 specification revisions for conducted emissions C-CE03 and D-/E-/F-CE-102. The actual value of input ripple current is much less, the
limit in the characteristic table is based on measurement resolution..
5. Maximum power dissipation when output is shorted.
6. Recovery time is measured from application of the transient to point at which VOUT is within 1% of VOUT at final value.
7. Transition time >10 µs.
8. Half load to/from full load.
9. Measured from release of inhibit or input voltage step
Crane Aerospace & Electronics Power Solutions
www.interpoint.com
Page 9 of 19
sMrt28 single, Dual and triple space Dc/Dc converters
28 VOLt Input – 35 Watt – space quaLIFIeD
SMRT28 Rev E - 20100216



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com