Electronic Components Datasheet Search
  English  ▼

X  

SMRT2812D Datasheet(PDF) 4 Page - Interpoint Corporation Company

Part # SMRT2812D
Description  Built in MIL-STD-461 EMI filter Output trim from 51% to 124% of nominal
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SMRT2812D Datasheet(HTML) 4 Page - Interpoint Corporation Company

  SMRT2812D Datasheet HTML 1Page - Interpoint Corporation Company SMRT2812D Datasheet HTML 2Page - Interpoint Corporation Company SMRT2812D Datasheet HTML 3Page - Interpoint Corporation Company SMRT2812D Datasheet HTML 4Page - Interpoint Corporation Company SMRT2812D Datasheet HTML 5Page - Interpoint Corporation Company SMRT2812D Datasheet HTML 6Page - Interpoint Corporation Company SMRT2812D Datasheet HTML 7Page - Interpoint Corporation Company SMRT2812D Datasheet HTML 8Page - Interpoint Corporation Company SMRT2812D Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
trIM taBLes
trIm DOwn
Singles
RtrIm should be connected between the trim pin and positive sense pin.
Duals
RtrIm should be connected between the trim B pin and positive Vout B
pin. This only trims output B, output A can use the sense pin to trim up
only. See page 2 for instructions on trimming up output A.
Triples
RtrIm should be connected between the trim a pin and positive Vout
a pin to adjust the Main output.
RtrIm should be connected between the trim B pin and positive Vout
B pin to adjust the Auxiliary outputs.
RtrIm = K ( Vout - Vmin )
Vnom - Vout
Vout = Desired Voltage; K/Vmin/Vnom from table below.
VnOM
K
VMIn
% OF VnOM
3.3
3500
3.18
96
5.0
4520
4.16
83
7.0
8020
5.47
78
8.7
9040
6.13
70
12
11030
7.05
58
15
12900
7.65
51
1
2
3
4
5
14
13
12
11
10
9
8
SMRT Single
Sense
Trim
1
2
3
4
5
14
13
12
11
10
9
8
SMRT Dual
Vout B
Trim B
1
2
3
4
5
14
13
12
11
10
9
8
SMRT Triple
Vout A
Trim A
Trim B
+Vout B
trIm up
Singles
RtrIm should be connected between the trim pin and sense return pin.
Duals
RtrIm should be connected between the trim B pin and Vout B return pin.
This only trims output B, output A can use the sense pin to trim up only.
Triples
RtrIm should be connected between the trim a pin and Vout a return pin
to adjust the Main outputs.
RtrIm should be connected between the trim B pin and Vout B return pin
to adjust the Auxiliary outputs.
RtrIm = K ( Vmax - Vout )
Vout - Vnom
Vout = Desired Voltage; K/Vmax/Vnom from table below.
VnOM
K
VMAX
% OF VnOM
3.3
3000
3.70
112
5.0
3000
6.26
125
7.0
5300
8.27
118
8.7
5300
10.46
149
12
5300
14.69
122
15
5300
18.54
124
1
2
3
4
5
14
13
12
11
10
9
8
SMRT Single
Sense Return
Trim
1
2
3
4
5
14
13
12
11
10
9
8
SMRT Dual
Vout B Return
Trim B
1
2
3
4
5
14
13
12
11
10
9
8
SMRT Triple
Vout A Return
Trim A
Trim B
Vout B Return
FIgure 1: trIm DOwn DIagramS
FIgure 2: trIm up DIagramS
note: Do not exceed maximum power rating when trimming up.
note: Do not exceed maximum current rating when trimming down,
Crane Aerospace & Electronics Power Solutions
www.interpoint.com
Page 4 of 19
sMrt28 single, Dual and triple space Dc/Dc converters
28 VOLt Input – 35 Watt – space quaLIFIeD
SMRT28 Rev E - 20100216



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com