Electronic Components Datasheet Search
  English  ▼

X  

SMRT2812D Datasheet(PDF) 1 Page - Interpoint Corporation Company

Part # SMRT2812D
Description  Built in MIL-STD-461 EMI filter Output trim from 51% to 124% of nominal
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SMRT2812D Datasheet(HTML) 1 Page - Interpoint Corporation Company

  SMRT2812D Datasheet HTML 1Page - Interpoint Corporation Company SMRT2812D Datasheet HTML 2Page - Interpoint Corporation Company SMRT2812D Datasheet HTML 3Page - Interpoint Corporation Company SMRT2812D Datasheet HTML 4Page - Interpoint Corporation Company SMRT2812D Datasheet HTML 5Page - Interpoint Corporation Company SMRT2812D Datasheet HTML 6Page - Interpoint Corporation Company SMRT2812D Datasheet HTML 7Page - Interpoint Corporation Company SMRT2812D Datasheet HTML 8Page - Interpoint Corporation Company SMRT2812D Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Features
Built in MIL-stD-461 eMI filter
Output trim from 51% to 124% of nominal
Operating temperature -55° to +125°C
•
Qualified to MIL-PRF-38534 Class H and K
•
Radiation hardness assurance (RHA) to
•
level F 300 kRad(Si)
Input voltage range 19 to 56 VDC
•
Transient protection 80 V for 100 ms
•
Fully isolated, 5 port isolation
•
Dual magnetic feedback
•
Fixed high frequency switching
•
Remote sense
•
Inhibit function
•
Synchronization input
•
Indefinite short circuit protection
•
Radiation tolerant to
•
1 x 10
-
12 protons/cm2 neutron or proton fluence
10
- 11 rad(Si)/sec dose rate
3 x 10
-
5 rad(Si) total dose
SEE - LET to 80 MeV cm
-
2/mg
Meets MIL-STD-704A transient standards
•
DescrIptIOn
The SMRT28 Series™ of DC/DC converters offers up to 35
watts of power in a radiation tolerant design. The low profile
SMRT28 converters are manufactured in Interpoint’s fully certi-
fied and qualified MIL-PRF-38534 production facility and pack-
aged in hermetically sealed steel cases. They are ideal for use in
programs requiring high reliability, small size, and high levels of
radiation hardening assurance.
The SMRT28 converters are switching regulators which use a
two-phase, phase shifted flyback design with a nominal switching
frequency of 300 kHz. Close regulation is maintained with
advanced constant frequency pulse width modulation design
techniques. The SMRT28’s feed-forward compensation and
discontinuous topologies provide high levels (80 dB peak) of
input-to-output ripple rejection.
A minimum load of 2% of full load should be used on outputs at
TID of 100 kRad(Si) or greater to ensure tight regulation over the
full input range. The converter should not be inhibited or oper-
ated below 19 Vin above 5x104 rad(Si) total dose.
Two independent feedback loops are used to regulate the dual
and triple outputs, one feedback loop regulates the two-phased
single output. Each set of outputs is electrically isolated from the
other and from the input. This product configuration eliminates
cross regulation effects between output sets.
Configurations:
•SingleOutput:Onetwo-phasesingleoutput
•DualOutput:Twosingle-phasesingleoutputs
•TripleOutput:Onesingle-phaseindependent
Main output and one single-phase dual output.
(± Auxiliary output)
MODELS
VDC Output
SIngLE
3.3
5
8.7
12
15
DUAL
±5
±12
±15
TRIPLE
+3.3 & ±12
+3.3 & ±15
+5 & ±7
+5 & ±12
+5 & ±15
The information in this document is a derivative of a document cleared
by the Department of Defense (DoD) Office of Security Review (OSR) for
public release. OSR case number 09-S-1960 dated June 22, 2009.
Crane Aerospace & Electronics Power Solutions
sMrt28 single, Dual and triple space Dc/Dc converters
Crane Aerospace & Electronics
Electronics group (Interpoint Brand)
POBox97005•RedmondWA98073-9705
425.882.3100•power@crane-eg.com
www.interpoint.com
Page 1 of 19
28 VOLt Input – 35 Watt – space quaLIFIeD
SMRT28 Rev E - 20100216


Similar Part No. - SMRT2812D

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
SMRT2812D/KR INTERPOINT-SMRT2812D/KR Datasheet
1Mb / 44P
SMRT Single, Dual and Triple Space DC-DC Converters
logo
Crane Aerospace & Elect...
SMRT2812DHP CRANE-SMRT2812DHP Datasheet
249Kb / 17P
SMRT Single, Dual and Triple DC/DC Converters
SMRT2812DHR CRANE-SMRT2812DHR Datasheet
249Kb / 17P
SMRT Single, Dual and Triple DC/DC Converters
SMRT2812DKF CRANE-SMRT2812DKF Datasheet
249Kb / 17P
SMRT Single, Dual and Triple DC/DC Converters
SMRT2812DKP CRANE-SMRT2812DKP Datasheet
249Kb / 17P
SMRT Single, Dual and Triple DC/DC Converters
More results

Similar Description - SMRT2812D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KG9501 ETC-KG9501 Datasheet
1Mb / 6P
MIL-STD-461-C INPUT EMI FILTER for 4W up to 50W DC/DC Converters
BUS-8553 ETC1-BUS-8553 Datasheet
289Kb / 4P
MIL-STD-1553 TRANSCEIVER
BUS-8559 ETC1-BUS-8559 Datasheet
811Kb / 4P
VARIABLE OUTPUT MIL-STD-1553 TRANSCEIVER
logo
Honeywell Solid State E...
HX1750 HONEYWELL-HX1750 Datasheet
187Kb / 2P
MIL-STD-1750A MICROPROCESSOR
logo
JMK Inc.
AA-1506-12 JMK-AA-1506-12 Datasheet
55Kb / 1P
This economical filter is designed to operate in severe environments such as Mil-Std-704.
ZM-1758-40 JMK-ZM-1758-40 Datasheet
36Kb / 1P
The ZM-1758-40 filter is designed to work with systems with requirements to meet Mil-Std-461D or Mil-Std-461E.
logo
Holt Integrated Circuit...
HI-6110 HOLTIC-HI-6110_10 Datasheet
204Kb / 38P
MIL-STD-1553 / MIL-STD-1760 MIL-STD-1553 / MIL-STD-1760
HI-8428 HOLTIC-HI-8428 Datasheet
124Kb / 16P
MIL-STD-704 compliant
logo
Abracon Corporation
AWBC-05 ABRACON-AWBC-05 Datasheet
638Kb / 1P
Widely used in PC products to filter EMI from the outside
03.07.14
logo
Nova Electric. All Righ...
FC1250U NOVA-FC1250U Datasheet
304Kb / 2P
RUGGED SINGLE-PHASE SINEWAVE FREQUENCY CONVERTER CAN MEET MIL-STD-810, MIL-STD-1399, MIL-S-901, MIL-STD-704, & MIL-STD-461 OPTIONALLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com