Electronic Components Datasheet Search
  English  ▼

X  

SMRT2815D Datasheet(PDF) 18 Page - Interpoint Corporation Company

Part # SMRT2815D
Description  Built in MIL-STD-461 EMI filter Output trim from 51% to 124% of nominal
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SMRT2815D Datasheet(HTML) 18 Page - Interpoint Corporation Company

Back Button SMRT2815D Datasheet HTML 11Page - Interpoint Corporation Company SMRT2815D Datasheet HTML 12Page - Interpoint Corporation Company SMRT2815D Datasheet HTML 13Page - Interpoint Corporation Company SMRT2815D Datasheet HTML 14Page - Interpoint Corporation Company SMRT2815D Datasheet HTML 15Page - Interpoint Corporation Company SMRT2815D Datasheet HTML 16Page - Interpoint Corporation Company SMRT2815D Datasheet HTML 17Page - Interpoint Corporation Company SMRT2815D Datasheet HTML 18Page - Interpoint Corporation Company SMRT2815D Datasheet HTML 19Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
CLASS H AND K, MIL-PRF-38534 ENVIRONMENTAL SCREENING
end item-level test
perFOrmed
spaCe prOtOtype (O)
nOn-Qml1
Class h
Qml
Class K
Qml
Non-destruct bond pull
Method 2023
no
yes 2
yes
Pre-cap Inspection
Method 2017, 2032
yes
yes
yes
Temperature Cycle (10 times)
Method 1010, Cond. C, -65°C to 150°C, ambient
yes
yes
yes
Constant Acceleration
Method 2001, 3000 g
yes
yes
yes
PIND Test
Method 2020, Cond. A
no
yes 2
yes
Pre burn-in test
yes
yes
yes
Burn-in
Method 1015, 125°C case, typical
96 hours
160 hours
2 x 160 hours (includes mid-BI test)
yes
no
no
no
yes
no
no
no
yes
Final Electrical Test MIL-PRF-38534
Group A, Subgroups 1 through 6
-55°C, +25°C, +125°C case
yes
yes
yes
Radiography
Method 2012
N/A
N/A
yes
Post Radiography Electrical Test
Room temperature
N/A
N/A
yes 2
Hermeticity Test
Fine Leak, Method 1014, Cond. A
Gross Leak, Method 1014, Cond. C
yes
yes
yes
yes
yes
yes
Final visual inspection
Method 2009
yes
yes
yes
Test methods are referenced to MIL-STD-883 as determined by MIL-PRF-38534.
notes:
1. Space Prototype (O), non-QML products, do not meet all of the requirements of MIL-PRF-38534.
2. not required by DSCC but performed to assure product quality.
SCreenIng table 2: enVIrOnmental SCreenIng
Crane Aerospace & Electronics Power Solutions
www.interpoint.com
Page 18 of 19
sMrt28 single, Dual and triple space Dc/Dc converters
28 VOLt Input – 35 Watt – space quaLIFIeD
SMRT28 Rev E - 20100216



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com