Electronic Components Datasheet Search
  English  ▼

X  

SMRT2815D Datasheet(PDF) 3 Page - Interpoint Corporation Company

Part # SMRT2815D
Description  Built in MIL-STD-461 EMI filter Output trim from 51% to 124% of nominal
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SMRT2815D Datasheet(HTML) 3 Page - Interpoint Corporation Company

  SMRT2815D Datasheet HTML 1Page - Interpoint Corporation Company SMRT2815D Datasheet HTML 2Page - Interpoint Corporation Company SMRT2815D Datasheet HTML 3Page - Interpoint Corporation Company SMRT2815D Datasheet HTML 4Page - Interpoint Corporation Company SMRT2815D Datasheet HTML 5Page - Interpoint Corporation Company SMRT2815D Datasheet HTML 6Page - Interpoint Corporation Company SMRT2815D Datasheet HTML 7Page - Interpoint Corporation Company SMRT2815D Datasheet HTML 8Page - Interpoint Corporation Company SMRT2815D Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Operating COnditiOns and CharaCteristiCs
Input Voltage range
19 to 56 VDC continuous
•
80 V for 100 ms transient
•
Output power
Up to 35 watts depending on model
•
Lead soldering temperature (10 sec per pin)
300°C
•
storage temperature range (case)
-65°C to +150°C
•
case Operating temperature (tc)
-55°C to +125°C full power
•
-55°C to +135°C absolute
•
Derating Output power/current
Linearly from 100% at 125°C to 0% at 135°C
•
power Dissipation (pd)
20to31W
•
Output Voltage temperature coefficient
100 ppm/°C max
•
current Limit
125% of full load typical
•
Isolation at 25°c
100 megohm minimum at 500 V
•
audio rejection
50 dB typical
•
conversion Frequency
300 kHz typ 270 kHz min, 330 kHz max
•
radiation (will operate through)
1x10
•
12 neutrons/cm2 neutron or proton fluence
Radiation dose rate 10
•
11 rad(Si) /sec
Total dose up to 300 kRad(Si)
•
• SEE - LET to 80 MeV cm2/mg
meChaniCal and envirOnmental
size (maximum)
2.705 x 2.205 x 0.400 inches (68.71 x 56.01 x 10.16 mm)
•
See case S for dimensions.
‣
Weight (maximum)
100 grams maximum
•
screening
Space Prototype, Class H, or Class K are radiation tolerant
to Radiation Hardness Assurance (RHA) levels of “-” (O), “P”,
“R”, or “F” per MIL-PRF-38534. Interpoint model numbers use
an “O” in the RHA designator position to indicate the “-” (dash)
Radiation Hardness Assurance level of MIL-PRF-38534, which is
defined as “no RHA”.
See Screening Tables 1, 2 and 3 for more information. Available
configurations: OO, HP, HR, KP, KR, KF
synC and inhibit
sync
Input frequency 270-330 kHz
•
Duty cycle 20% min, 80% max
•
2.5 V p-p minimum amplitude
•
10 V p-p maximum amplitude
•
Sync circuit is floating and isolated
•
If sync is used at lower end of the range, full load
•
operation is not guaranteed.
Inhibit
Active low (output disabled)
•
InH referenced to input common
‣
Active low, pulled to 0.4 V or lower
‣
Inhibit pin current
‣
< 2mA
Active high (output enabled)
•
High >2.4V
‣
not to exceed 10V
‣
Open pin voltage 5 to 6 volts
‣
Crane Aerospace & Electronics Power Solutions
www.interpoint.com
Page 3 of 19
sMrt28 single, Dual and triple space Dc/Dc converters
28 VOLt Input – 35 Watt – space quaLIFIeD
SMRT28 Rev E - 20100216



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com