Electronic Components Datasheet Search
  English  ▼

X  

LA5613 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LA5613
Description  VCR Regulator and Control Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA5613 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LA5613 Datasheet HTML 1Page - Sanyo Semicon Device LA5613 Datasheet HTML 2Page - Sanyo Semicon Device LA5613 Datasheet HTML 3Page - Sanyo Semicon Device LA5613 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
[No Load] VSTB = high, VCC1 = 12.3 V, VCC2 = 6 V, IO1 and IO2 = 0 A
Quiescent current
IIN1
–
20
30
mA
IIN2
–
0.2
0.3
mA
[Output 1] VSTB = high, VCC1 = 12.3 V, VCC2 = 6 V, IO1 = 0.3 A
Output voltage 1
VO1
10.9
11.3
–
V
Dropout voltage
VDROP1
–
1.0
1.4
V
Peak output current
IOP1
0.3
–
–
A
Output low-level voltage
VO1 OFF
–
–
0.2
V
[Output 2] VSTB = high, VCC1 = 12.3 V, VCC2 = 6 V, IO2 = 0.7 A
Output voltage 2
VO2
4.9
5.1
5.3
V
Dropout voltage
VDROP2
–
0.3
0.5
V
Line regulation
∆VOLN2
6 V
≤ VCC2 ≤ 7 V
–
–
20
mV
Load regulation
∆VOLD2
0.1 A
≤ IO2 ≤ 0.7 A
–
–
300
mV
Peak output current
IOP2
0.7
–
–
A
Output short-circuit current
IOSC2
–
–
0.75
A
Ripple rejection
Rrej2
f = 120 Hz, 6 V
≤ VCC2 ≤ 7 V
–
50
–
dB
Output low-level voltage
VO2 OFF
–
–
0.2
V
[Input Overvoltage Protection]
Detection voltage
VHVTH
7.6
8.0
8.4
V
[Output 1 and Output 2 On/Off Control] VCC1 = 12.3 V, VCC2 = 6 V
Output off control voltage
VSTBL
VO1 and VO2: off
–
–
1.0
V
Output on control voltage
VSTBH
VO1 and VO2: on
3.0
–
VCC1
[Control Amplifier] VCC1 = 12.3 V, VCC2 = 6 V
Control output current (sink)
ICONT
VCC1 = 12.8 V
10
–
–
mA
Resistance ratio
KR
KR = R1/R2, VREF = 1.28 V typ
–
8.61
–
Output inverted input voltage
VCC1 - ERR
IO1 = 0.3 A, IO2 = 0.7 A
11.9
12.3
12.7
V
No. 5669-2/4
LA5613
Electrical Characteristics at Ta = 25°C in the specified Test Circuit
Test Circuit
Ambient temperature, Ta – °C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com