Electronic Components Datasheet Search
  English  ▼

X  

LA5613 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LA5613
Description  VCR Regulator and Control Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA5613 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LA5613 Datasheet HTML 1Page - Sanyo Semicon Device LA5613 Datasheet HTML 2Page - Sanyo Semicon Device LA5613 Datasheet HTML 3Page - Sanyo Semicon Device LA5613 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
No. 5669-3/4
LA5613
Pin Functions
Function Table (r: built-in,
×: not built-in)
Usage Notes
Pin No.
Symbol
Function
1
VCC2
Low-voltage input
2
VO2
5.1-V/0.7-A regulator output, with on/off, current limiter thermal shutdown.
3
STB
VO1 and VO2 on/off control. Active high.
4
GND
Substrate of the LA5613 (minimum potential)
5
VO1-FIL
VO1 ripple filter capacitor connection
6
VO1
Ripple filter 0.3-A output, with on/off, current limiter thermal shutdown.
7
VCC1
High-voltage input
8
SENSE
VCC1 voltage detection
9
NF
Phase compensation and VCC1 adjustment. Connect resistors between this pin and SENSE or ground.
10
VOERR
Switching register control amplifier drive output
Notes: 1. CL: Current limiter
2. TSD: Thermal shutdown
Circuit block
VO1
VO2
Control amplifier
Function
Input line
VCC1
VCC2
VCC1
Output current protection
r
r
×
Thermal shutdown protection
r
r
×
On/off control
r
r
×
Overvoltage protection
r
r
r
• The relationship VCC1 ≥ VCC2 must hold at all times when power is applied.
• Power should be applied to VCC1 and VCC2 simultaneously. Do not use this IC with only one or the other voltage
applied.
• This IC will be destroyed if the VO1 output load is shorted. Do not short the outputs of this IC.
Logic Table
Conditions: When VCC1 ≥ VCC2
(However, the conditions 11.9 V
≤ V
CC1 ≤ 12.7 V and 5.5 V ≤ VCC2 ≤ 6.5 V must also apply.)
STB
VO1, VO2
L or open
L
H
H
Notes: 1. "H" for STB denotes high level; "L" denotes low level.
2. "H" for VO denotes output ON voltage; "L" denotes output OFF voltage.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com