Electronic Components Datasheet Search
  English  ▼

X  

SPDP15D28 Datasheet(PDF) 7 Page - Sensitron

Part # SPDP15D28
Description  Programmable DC Solid State Power Controller Module
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SPDP15D28 Datasheet(HTML) 7 Page - Sensitron

Back Button SPDP15D28 Datasheet HTML 3Page - Sensitron SPDP15D28 Datasheet HTML 4Page - Sensitron SPDP15D28 Datasheet HTML 5Page - Sensitron SPDP15D28 Datasheet HTML 6Page - Sensitron SPDP15D28 Datasheet HTML 7Page - Sensitron SPDP15D28 Datasheet HTML 8Page - Sensitron SPDP15D28 Datasheet HTML 9Page - Sensitron SPDP15D28 Datasheet HTML 10Page - Sensitron SPDP15D28 Datasheet HTML 11Page - Sensitron Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATASHEET 5023, Rev D.1
©2007 Sensitron Semiconductor
• 221 West Industry Court • Deer Park, NY 11729-4681
Phone (631) 586 7600 Fax (631) 242 9798
• www.sensitron.com • sales@sensitron.com • Page 7
SPDPXXD28 SERIES
Figure 5 - Electrical Block Diagram
Description
Figure 5 shows the block diagram of the SPDPXXD28 SSPC Series. It uses a SN74LVC3G14 device for digital
I/O. This TTL compatible device has a Schmitt-Trigger input to minimize the effects of noise on the input. Its
outputs can each drive more than 10 standard TTL loads. It’s also compatible with CMOS inputs and outputs.
The SN74LVC3G14 is isolated from the remainder of the module circuitry by three optocouplers.
The block labeled “Control & Protection Circuitry” gets power from the DC-DC converter and is referenced to the
output of the SSPC. This block contains an amplifier to gain up the voltage developed across the sense
resistor. It also contains a microcontroller with on-board timers, A/D converter, clock generator and independent
watchdog timer. The microcontroller implements a precision I
2t protection curve as well as an Instant Trip
function to protect the wiring and to protect itself. It performs all of the functions of multiple analog comparators
and discrete logic in one high-reliability component.
The “Control & Protection Circuitry” block also has the ability to adjust the current rating of each model of the
SPDPXXD28 Series over a 5:1 range. If the “Gain” terminal is left open, the SSPC will be set for maximum
rating. If the “Gain” terminal is connected directly to the “Gain Return” terminal, the SSPC will be set for 1/5 of
the maximum rating. Furthermore, a resistor connected between the “Gain” terminal and the “Gain Return”
terminal will set a rating between maximum and 1/5 of maximum. See Figure 10 for the relationship between
rating and resistor value.
GAIN
GAIN RTN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com