Electronic Components Datasheet Search
  English  ▼

X  

SPDP15D28 Datasheet(PDF) 1 Page - Sensitron

Part # SPDP15D28
Description  Programmable DC Solid State Power Controller Module
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SPDP15D28 Datasheet(HTML) 1 Page - Sensitron

  SPDP15D28 Datasheet HTML 1Page - Sensitron SPDP15D28 Datasheet HTML 2Page - Sensitron SPDP15D28 Datasheet HTML 3Page - Sensitron SPDP15D28 Datasheet HTML 4Page - Sensitron SPDP15D28 Datasheet HTML 5Page - Sensitron SPDP15D28 Datasheet HTML 6Page - Sensitron SPDP15D28 Datasheet HTML 7Page - Sensitron SPDP15D28 Datasheet HTML 8Page - Sensitron SPDP15D28 Datasheet HTML 9Page - Sensitron Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATASHEET 5023, Rev D.1
©2007 Sensitron Semiconductor
• 221 West Industry Court • Deer Park, NY 11729-4681
Phone (631) 586 7600 Fax (631) 242 9798
• www.sensitron.com • sales@sensitron.com • Page 1
SPDPXXD28 SERIES
Programmable DC Solid State Power Controller Module
Description:
These Solid State Power Controller (SSPC) Modules are designed to operate without any heatsink
requirements. They are microcontroller-based Solid State Relays rated up to 30A designed to be used in high
reliability 28V DC applications. These modules have integrated current sensing with no derating over the full
operating temperature range. These modules are the electronic equivalent to electromechanical circuit
breakers with isolated control and status. This series is supplied in 6 SSPC families, with each family being
programmable over a 5:1 current range.
SPDP05D28:
Programmable from 1A to 5A
SPDP10D28:
Programmable from 2A to 10A
SPDP15D28:
Programmable from 3A to 15A
SPDP20D28:
Programmable from 4A to 20A
SPDP25D28:
Programmable from 5A to 25A
SPDP30D28:
Programmable from 6A to 30A
Compliant Documents & Standards:
MIL-STD-1275B, Notice1
Characteristics of 28 Volt DC Electrical Systems in Military Vehicles-4/20/04
MIL-STD-704F
Aircraft Electrical Power Characteristics 12 March 2004
MIL-STD-217F, Notice 2
Reliability Prediction of Electronic Equipment 28 Feb 1995
Module Features:
• No additional heat sinking or external cooling required!
• Extremely Low Power, No Derating Over the Full Temperature Range
• Low Weight (20 gms)
• Same Pin Out as Industry Standard SSPCs in a Smaller Outline
• Epoxy Shell Construction
• Solid State Reliability
• High Power Density
Electrical Features (SPDPXXD28 Series):
• 28VDC Input with Very Low Voltage Drop; 64mV, typ. @15A for SPDP25D28
• True I2t Protection up to 10X rating with Nuisance Trip Suppression
• Instant Trip Protection (50 μsec typ) for Loads Above 10X rating
• Unlimited Interrupt Capability; Repetitive Fault Handling Capability
• Thermal Memory
• Internally Generated Isolated Supply to Drive the Switch
• Low Bias Supply Current: 25 mA typ @ 5V DC
• High Control Circuit Isolation: 750V DC Control to Power Circuit
• Soft Turn-On to Reduce EMC Issues
• EMI Tolerant
• Module Reset with a Low Level Signal; Reset Circuit is Trip-Free
• TTL/CMOS Compatible, Optically Isolated, Input and Outputs
• Schmitt-Trigger Control Input for Noise Immunity


Similar Part No. - SPDP15D28

ManufacturerPart #DatasheetDescription
logo
Sensitron
SPDP15D28-1 SENSITRON-SPDP15D28-1 Datasheet
249Kb / 14P
Programmable DC Solid State Power Controller Module
SPDP15D28ER SENSITRON-SPDP15D28ER Datasheet
482Kb / 13P
Programmable DC Solid State Power Controller Module
More results

Similar Description - SPDP15D28

ManufacturerPart #DatasheetDescription
logo
Sensitron
SPDXXD28 SENSITRON-SPDXXD28 Datasheet
501Kb / 11P
DC Solid State Power Controller Module
SPDPXXD28ER SENSITRON-SPDPXXD28ER Datasheet
482Kb / 13P
Programmable DC Solid State Power Controller Module
SPDPXXD375 SENSITRON-SPDPXXD375 Datasheet
1Mb / 11P
DC Solid State Power Controller Module
SPDPXXD270 SENSITRON-SPDPXXD270 Datasheet
1Mb / 11P
DC Solid State Power Controller Module
SPD40D28 SENSITRON-SPD40D28 Datasheet
491Kb / 11P
DC Solid State Power Controller Module
SPDPXXD28 SENSITRON-SPDPXXD28 Datasheet
505Kb / 15P
DC Solid State Power Controller Module
SPDP50D375 SENSITRON-SPDP50D375 Datasheet
253Kb / 10P
DC Solid State Power Controller Module
SPDP50D375-503 SENSITRON-SPDP50D375-503 Datasheet
263Kb / 10P
DC Solid State Power Controller Module
SPDPXXD28-1 SENSITRON-SPDPXXD28-1 Datasheet
249Kb / 14P
Programmable DC Solid State Power Controller Module
SPDPXXD375 SENSITRON-SPDPXXD375_10 Datasheet
1Mb / 11P
DC Solid State Power Controller Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com