Electronic Components Datasheet Search
  English  ▼

X  

SPDP20D28 Datasheet(PDF) 13 Page - Sensitron

Part # SPDP20D28
Description  Programmable DC Solid State Power Controller Module
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SPDP20D28 Datasheet(HTML) 13 Page - Sensitron

Back Button SPDP20D28 Datasheet HTML 6Page - Sensitron SPDP20D28 Datasheet HTML 7Page - Sensitron SPDP20D28 Datasheet HTML 8Page - Sensitron SPDP20D28 Datasheet HTML 9Page - Sensitron SPDP20D28 Datasheet HTML 10Page - Sensitron SPDP20D28 Datasheet HTML 11Page - Sensitron SPDP20D28 Datasheet HTML 12Page - Sensitron SPDP20D28 Datasheet HTML 13Page - Sensitron SPDP20D28 Datasheet HTML 14Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATASHEET 5023, Rev D.1
©2007 Sensitron Semiconductor
• 221 West Industry Court • Deer Park, NY 11729-4681
Phone (631) 586 7600 Fax (631) 242 9798
• www.sensitron.com • sales@sensitron.com • Page 13
SPDPXXD28 SERIES
Board Layout
The current-carrying power circuit should be kept well away from the control circuit and other low-level circuits in
the system. It’s unlikely, but possible, that magnetic coupling could affect the control circuit when turning normal
loads on and off. However, in the case of an overload, the magnetic coupling could be 10 times greater than
with normal loads. Effects of such coupling could cause ‘chattering’ when turning on and off, oscillation, and the
possibility of turning the SPDPXXD28 back on after an overload. The SPDPXXD28 Series is a Trip-Free
device. Once tripped it will not turn back on until reset and commanded on again. Reset is accomplished by
bringing the CONTROL pin low and turning the SSPC back on is accomplished by bringing the CONTROL pin
high. Sufficient magnetic coupling between the current-carrying power circuit and the control circuit can negate
the Trip-Free characteristic.
MIL-STD-704F and MIL-STD-1275B
These standards cover the characteristics of the electrical systems in Military Aircraft and Vehicles. The
SPDPXXD28 Series meets all of the requirements of MIL-STD-704F including Normal, Emergency, Abnormal
and Electric Starting conditions with the Ripple, Distortion Factor and Distortion Spectrum defined in the
standard. The SPDPXXD28 Series also meets all of the requirements of MIL-STD-1275B including operation
with Battery and Generator, Generator Only and Battery Only for all of the conditions described in the standard
including Cranking, Surges, Spikes and Ripple. In addition, the SPDPXXD28 Series can withstand + 600 V
spikes for 10
μS. This capability is beyond that required by the standards cited above.
Figure 10 – SPDPXXD28
Rating vs. “Gain” and “Gain Return” Terminals
0.00%
10.00%
20.00%
30.00%
40.00%
50.00%
60.00%
70.00%
80.00%
90.00%
100.00%
10
100
1000
10000
100000
Proramming Resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com