Electronic Components Datasheet Search
  English  ▼

X  

SPDP20D28 Datasheet(PDF) 2 Page - Sensitron

Part # SPDP20D28
Description  Programmable DC Solid State Power Controller Module
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SPDP20D28 Datasheet(HTML) 2 Page - Sensitron

  SPDP20D28 Datasheet HTML 1Page - Sensitron SPDP20D28 Datasheet HTML 2Page - Sensitron SPDP20D28 Datasheet HTML 3Page - Sensitron SPDP20D28 Datasheet HTML 4Page - Sensitron SPDP20D28 Datasheet HTML 5Page - Sensitron SPDP20D28 Datasheet HTML 6Page - Sensitron SPDP20D28 Datasheet HTML 7Page - Sensitron SPDP20D28 Datasheet HTML 8Page - Sensitron SPDP20D28 Datasheet HTML 9Page - Sensitron Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATASHEET 5023, Rev D.1
©2007 Sensitron Semiconductor
• 221 West Industry Court • Deer Park, NY 11729-4681
Phone (631) 586 7600 Fax (631) 242 9798
• www.sensitron.com • sales@sensitron.com • Page 2
SPDPXXD28 SERIES
Table 1 - Electrical Characteristics (at 25
oC and V
bias = 5.0V DC unless otherwise specified)
Power
Input Voltage – Continuous
– Transient
0 to 40V DC, 55V DC Absolute Maximum
+600V or –600V Spike (< 10 µs)
Power Dissipation
See Table 5
Current
See Table 5
See Figure 1, Trip Curve
Max Voltage Drop
See Table 5
Max current without tripping
110% min
Trip time
See Figure 1, Trip Curve
Output Rise Time (turn ON)
300
μsec typ
Output Fall Time under normal turn-off
150 usec typ
Output Fall Time under Fault
50 usec typ
Min Load Requirement
Nil
Protection
Short Circuit Protection
Unlimited
Instant Trip
800%, min; 1200%, max
Table 2 - Physical Characteristics
Temperature
Operating Temperature
TA = -55 °C to +100 °C
Storage Temperature
TA = -55 °C to +125 °C
Environmental
Altitude
Up to 30,000 ft
Can be installed in an unpressurized area
Case Dimensions
1.875”L x 1.125”W x 0.385”H
Operating Orientation
Any
Weight
30 grams typ
MTBF (Estimate: MIL STD 217F)
1.1 Mhrs at 25
°C Full load
Note: Extreme temperature performance at -55C is only guaranteed if the bias power is left ON while the unit is
being cooled. The product family has a guaranteed low temperature performance down to -20C below which
some units may exhibit higher bias current (up to 65mA) and unstable Gate and Load Status upon cold start up
to 15 seconds. This issue has been addressed and eliminated in a newer version of this product family. Contact
factory for further information.
Control & Status
(TTL/CMOS Compatible)
BIAS (Vcc)
5.0V DC Nominal, 6.5V DC Absolute Maximum
4.5V to 5.5 VDC
BIAS (Vcc) Current
25 mA typ
31 mA, max
GATE Status, Load Status Signals
Voh=3.7V, min, at Ioh=-20mA
Vol=0.4V, max, at Iol=20mA
CONTROL Signal
VT+ (Positive-going input threshold voltage)
VT− (Negative-going input threshold voltage)
ΔVT Hysteresis (VT+ VT−)
2.0V, min, 3.5V, max
1.2V, min, 2.3V, max
0.6V, min, 1.4V, max
Reset
Cycle CONTROL Signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com