Electronic Components Datasheet Search
  English  ▼

X  

STW24NK55Z Datasheet(PDF) 8 Page - STMicroelectronics

Part # STW24NK55Z
Description  N-channel 550 V - 0.18 Ω - 23 A - TO-247 Zener-protected SuperMESH??Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW24NK55Z Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STW24NK55Z Datasheet HTML 4Page - STMicroelectronics STW24NK55Z Datasheet HTML 5Page - STMicroelectronics STW24NK55Z Datasheet HTML 6Page - STMicroelectronics STW24NK55Z Datasheet HTML 7Page - STMicroelectronics STW24NK55Z Datasheet HTML 8Page - STMicroelectronics STW24NK55Z Datasheet HTML 9Page - STMicroelectronics STW24NK55Z Datasheet HTML 10Page - STMicroelectronics STW24NK55Z Datasheet HTML 11Page - STMicroelectronics STW24NK55Z Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Test circuits
STW24NK55Z
8/12
3
Test circuits
Figure 14. Switching times test circuit for
resistive load
Figure 15. Gate charge test circuit
Figure 16. Test circuit for inductive load
switching and diode recovery times
Figure 17. Unclamped Inductive load test
circuit
Figure 18. Unclamped inductive waveform
Figure 19. Switching time waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com