Electronic Components Datasheet Search
  English  ▼

X  

STW24NK55Z Datasheet(PDF) 9 Page - STMicroelectronics

Part # STW24NK55Z
Description  N-channel 550 V - 0.18 Ω - 23 A - TO-247 Zener-protected SuperMESH??Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW24NK55Z Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STW24NK55Z Datasheet HTML 4Page - STMicroelectronics STW24NK55Z Datasheet HTML 5Page - STMicroelectronics STW24NK55Z Datasheet HTML 6Page - STMicroelectronics STW24NK55Z Datasheet HTML 7Page - STMicroelectronics STW24NK55Z Datasheet HTML 8Page - STMicroelectronics STW24NK55Z Datasheet HTML 9Page - STMicroelectronics STW24NK55Z Datasheet HTML 10Page - STMicroelectronics STW24NK55Z Datasheet HTML 11Page - STMicroelectronics STW24NK55Z Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
STW24NK55Z
Package mechanical data
9/12
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com