Electronic Components Datasheet Search
  English  ▼

X  

IC-DP Datasheet(PDF) 2 Page - IC-Haus GmbH

Part # IC-DP
Description  HIGHSIDE SWITCH
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-DP Datasheet(HTML) 2 Page - IC-Haus GmbH

  IC-DP Datasheet HTML 1Page - IC-Haus GmbH IC-DP Datasheet HTML 2Page - IC-Haus GmbH IC-DP Datasheet HTML 3Page - IC-Haus GmbH IC-DP Datasheet HTML 4Page - IC-Haus GmbH IC-DP Datasheet HTML 5Page - IC-Haus GmbH IC-DP Datasheet HTML 6Page - IC-Haus GmbH IC-DP Datasheet HTML 7Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
prel
imin
ary
prel
imin
ary
iC-DP
HIGHSIDE SWITCH
Rev B1, Page 2/7
DESCRIPTION
iC-DP is a monolithic highside switch for ohmic, in-
ductive and capacitive loads.
Designed for a wide input voltage range of 4 to 36 V,
it is capable of supplying a minimum output current
of 200 mA. The output acts as a current source with
a low saturation voltage; protection against short-
circuiting is provided by the device shutting down with
excessive temperature. The chip is activated when
the input voltage threshold V(PI)-V(NI) of typically
3.5 V is exceeded.
When used as a 4-pin element (with the SOT23-6L
package only), the input (PI, NI) and output (DP, VP)
reference voltages are decoupled.
The maximum
permissive voltage difference between VP and PI is
36 V.
PACKAGES SOT23-6L (JEDEC)
PIN CONFIGURATION
SOT23-6L (JEDEC), 1.6 mm
(top view)
2
1
3
5
6
4
PIN FUNCTIONS
No. Name Function
1 NI
Negative Input
2 PI
Positive Input
3 DP
Output
4 VP
Supply
5 n.c.
6 n.c.
SOT223-4L, SC59-3L , DFN and CSP packages are available on request.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com