Electronic Components Datasheet Search
  English  ▼

X  

IC-DP Datasheet(PDF) 4 Page - IC-Haus GmbH

Part # IC-DP
Description  HIGHSIDE SWITCH
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-DP Datasheet(HTML) 4 Page - IC-Haus GmbH

  IC-DP Datasheet HTML 1Page - IC-Haus GmbH IC-DP Datasheet HTML 2Page - IC-Haus GmbH IC-DP Datasheet HTML 3Page - IC-Haus GmbH IC-DP Datasheet HTML 4Page - IC-Haus GmbH IC-DP Datasheet HTML 5Page - IC-Haus GmbH IC-DP Datasheet HTML 6Page - IC-Haus GmbH IC-DP Datasheet HTML 7Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
prel
imin
ary
prel
imin
ary
iC-DP
HIGHSIDE SWITCH
Rev B1, Page 4/7
ELECTRICAL CHARACTERISTICS
Operating Conditions: V(PI) = 4...36 V, Tj = -40...120 °C, unless otherwise stated
Item
Symbol
Parameter
Conditions
Tj
Fig.
Unit
No.
°C
Min.
Typ.
Max.
Total Device
001
V()
VP, PI Supply Voltage
V()= V(VP)-V(NI) bzw. V()=V(PI)-
V(NI)
4
36
V
002
I(PI)
PI Supply Current
No load;
V(PI) - V(NI) > V(PI)on
0
300
µA
V(PI) - V(NI) < V(PI)off
0
190
µA
003
I(VP)
VP Supply Current
No load;
V(PI) - V(NI) > V(PI)on
80
680
µA
V(PI) - V(NI) < V(PI)off
0
2000
µA
004
I(NI)
NI Input Current
No load;
V(PI) - V(NI) > V(PI)on
-850
-130
µA
V(PI) - V(NI) < V(PI)off
-2000
0
µA
005
Ilk(DP)
DP Output Leakage Current
V(PI) - V(NI) < V(PI)off,
V(DP) = 0..V(VP)
-100
100
µA
006
Vc(DP)lo
DP Clamp Voltage low
Vc(DP)lo = V(DP) - V(VP),
I(DP) = -10 mA
-70
-45
-40
V
007
Vc(DP)hi
DP Clamp Voltage high
Vc(DP)hi = V(DP) - V(VP),
I(DP) = 10 mA
0.3
1
V
008
Vc()hi
PI, VP Clamp Voltage high
Vc()hi = V() - V(NI), I() = 4 mA
37
40
V
009
tpiohi
Activation Delay NI → DP
V(PI)on < V(PI) - V(NI) < 48 V,
V(Rload) = 48 V, Rload = 360 Ω,
I(DP) = 0 → -90 mA
1
25
µs
010
tpiolo
Deactivation Delay NI → DP
V(PI) - V(NI) < V(PI)off,
V(Rload) = 36 V, Rload = 360 Ω,
I(DP) = -100 → -10 mA
1
15
µs
Highside Output DP
101
Vs(DP)
Output Saturation Voltage
DP = hi, with reference to VP
I(DP) = -200 mA,
-600
mV
I(DP) = -50 mA
-150
mV
102
Isc(DP)
Output Short-Circuit Current
V(VP) - V(DP) = 1 V...VB, DP = hi
-40
-800
-200
mA
27
-400
-200
mA
120
-200
mA
103
SR(DP)on Slew Rate, V(DP) → VP
V(PI) - V(NI) > V(PI)on,
50
V/µs
V(Rload) = 36 V, Rload = 360 Ω,
V(VP) - V(DP) = 32.4 → 3.6 V
104
SR(DP)off Slew Rate, V(DP) → V(NI)
V(PI) - V(NI) < V(PI)off,
20
V/µs
V(Rload) = 36 V, Rload = 360 Ω,
V(VP) - V(DP) = 3.6 → 32.4 V
105
Vfw(DP)
Freewheeling Voltage
I(DP) = -200 mA,
with reference to VP
-70
-45
-40
V
Temperature Monitor
201
Toff
Thermal Shutdown Threshold
120
150
°C
202
Ton
Thermal Release Threshold
Decreasing temperature
110
135
°C
203
Thys
Thermal Shutdown Hysteresis
Thys = Toff - Ton
15
°C
Input Threshold
301
V(PI)on
Power-On Threshold Voltage
V(PI) - V(NI)
2.7
4.1
V
302
V(PI)off
Power-Off Threshold Voltage
V(PI)-V(NI), decreasing voltage
2.3
3.7
V
303
V(PI)hys
Hysteresis
V(PI)hys = V(PI)on - V(PI)off
170
380
590
mV



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com