Electronic Components Datasheet Search
  English  ▼

X  

MB3A Datasheet(PDF) 1 Page - IC-Haus GmbH

Part # MB3A
Description  BiSS to PC-LPT ADAPTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

MB3A Datasheet(HTML) 1 Page - IC-Haus GmbH

  MB3A Datasheet HTML 1Page - IC-Haus GmbH MB3A Datasheet HTML 2Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MB3A
BiSS to PC-LPT ADAPTER
Release A1, Page 1/2
ORDERING INFORMATION
Type
Order Designation
Description / Options
BiSS to PC-LPT Adapter
MB3A
Protocol converter for connecting BiSS/SSI sen-
sors to the LPT port on a PC
Scope of delivery: ready-to-use adapter;
LPT device driver (Win 98/ME, 2000/XP) and BiSS
master PC software for downloading
DESCRIPTION
The BiSS to PC-LPT Adapter enables BiSS or SSI
sensors to be connected to a PC easily and at low
cost.
The parallel printer port is used as hardware link,
whereas by software an SPI compatible data commu-
nication is emulated, granting a speedy measurement
data transmission and the configuration of the adapter.
Regarding the sensor side BiSS/SSI communication is
carried out via differential RS422 lines, optionally via
single ended signals when removing a jumper.
Technical Data
Ë
Synchronously triggered measurement data collec-
tion from up to 3 BiSS sensors or one SSI encoder
Ë
BiSS data rates up to 10 Mbit/sec.,
SSI up to 4 Mbit/sec.
Ë
Protocol compatible with BiSS Master iC-MB3
Ë
Connection to the PC parallel printer port
Ë
Operates from a single 5 V voltage supplied via the
sensor connection or solder terminals
Size approx. 50 mm x 70 mm
BiSS Plug Pin Configuration J2 (9-pole SUB-D)
Pin Name
Function
1
VB
not wired
2MA %
Clock output P
3MA
!
Clock output N
4
VDD
+5 V Adapter supply voltage* (supply current ca. 90 mA)
5MO
!
+5 V High-level signal (Optional: master data output N)
6
GND
Ground (0V)
7SL %
Data input P
8SL
!
Data input N
9MO %
0 V Low-level signal (Optional: master data output P)
*) This operating voltage is supplied by iC-Haus demo boards.
Copyright © 2005, iC-Haus GmbH
www.ichaus.com


Similar Part No. - MB3A

ManufacturerPart #DatasheetDescription
logo
HellermannTyton.
MB3A HELLERMANNTYTON-MB3A Datasheet
487Kb / 4P
Cable Ties and Fixings
October 2015
More results

Similar Description - MB3A

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
MB4U ICHAUS-MB4U Datasheet
1Mb / 5P
BiSS, SSI, PC-USB 2.0 ADAPTER
MB3U ICHAUS-MB3U Datasheet
517Kb / 7P
BiSS TO PC-USB ADAPTER
MB4U ICHAUS-MB4U_11 Datasheet
1Mb / 5P
BiSS, SSI, PC-USB 2.0 ADAPTER
IC-TOOLSSC ICHAUS-IC-TOOLSSC Datasheet
3Mb / 9P
SIN/COS INTERFACE ADAPTER TO PC-USB 2.0
logo
Pulse A Technitrol Comp...
LPT450-512NMO PULSE-LPT450-512NMO Datasheet
1Mb / 13P
LPT 450-512MHz Antenna
logo
IC-Haus GmbH
MB5U ICHAUS-MB5U Datasheet
2Mb / 7P
High Performance isolated BiSS to PC Adapter (USB)
MB4U ICHAUS-MB4U_17 Datasheet
1Mb / 16P
BiSS, SSI, PC-USB 2.0 ADAPTER
MB3U ICHAUS-MB3U_17 Datasheet
1Mb / 16P
BiSS, SSI, PC-USB ADAPTER
logo
Infineon Technologies A...
IPAC-X INFINEON-IPAC-X Datasheet
3Mb / 270P
ISDN PC Adapter Circuit
Data Sheet, DS1, Jan. 2003
logo
Pulse A Technitrol Comp...
LPT450 PULSE-LPT450 Datasheet
1Mb / 13P
LPT 450-512MHz Antenna
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com