Electronic Components Datasheet Search
  English  ▼

X  

MB3A Datasheet(PDF) 2 Page - IC-Haus GmbH

Part # MB3A
Description  BiSS to PC-LPT ADAPTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

MB3A Datasheet(HTML) 2 Page - IC-Haus GmbH

  MB3A Datasheet HTML 1Page - IC-Haus GmbH MB3A Datasheet HTML 2Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MB3A
BiSS to PC-LPT ADAPTER
Release A1, Page 2/2
This specification is for a newly developed product. iC-Haus therefore reserves the right to change or update, without notice, any information contained herein, design and specification;
and to discontinue or limit production or distribution of any product versions. Please contact iC-Haus to ascertain the current data.
Copying - even as an excerpt - is only permitted with iC-Haus approval in writing and precise reference to source.
iC-Haus does not warrant the accuracy, completeness or timeliness of the specification on this site and does not assume liability for any errors or omissions in the materials. The data
specified is intended solely for the purpose of product description. No representations or warranties, either express or implied, of merchantability, fitness for a particular purpose or of any
other nature are made hereunder with respect to information/specification or the products to which information refers and no guarantee with respect to compliance to the intended use is
given. In particular, this also applies to the stated possible applications or areas of applications of the product.
iC-Haus conveys no patent, copyright, mask work right or other trade mark right to this product. iC-Haus assumes no liability for any patent and/or other trade mark rights of a third party
resulting from processing or handling of the product and/or any other use of the product.
Fig. 1: MB3A schematic diagram. Jumper JP3_2 can be removed to enable single-ended SL line communication.
(U3 is not assembled).
PC Plug Pin Configuration J1 (25-pole SUB-D)
Pin
LPT Name
Signal
Function
1
nStrobe
ALE
Address latch enable Input
2
Data0
n/a
...
...
...
9
Data7
n/a
10
nAck
n/a
11
Busy
DB1-SO
SPI data output
12
PaperOut
EOT
End-of-transmission output
13
Select
NER
Error message (active low)
14
LineFeed
DB0-SI
SPI data input
15
nError
n/a
16
nInitialize
NCS
Chip select input
17
nSelect
n/a
18
GND
GND
Ground
...
...
...
...
25
GND
GND
Ground
Wiring circuit



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com