Electronic Components Datasheet Search
  English  ▼

X  

AL3159FSG Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AL3159FSG
Description  HIGH EFFICIENCY 1x/2x CHARGE PUMP FOR WHITE LED APPLICATIONS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL3159FSG Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AL3159FSG Datasheet HTML 2Page - Diodes Incorporated AL3159FSG Datasheet HTML 3Page - Diodes Incorporated AL3159FSG Datasheet HTML 4Page - Diodes Incorporated AL3159FSG Datasheet HTML 5Page - Diodes Incorporated AL3159FSG Datasheet HTML 6Page - Diodes Incorporated AL3159FSG Datasheet HTML 7Page - Diodes Incorporated AL3159FSG Datasheet HTML 8Page - Diodes Incorporated AL3159FSG Datasheet HTML 9Page - Diodes Incorporated AL3159FSG Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
AL3159
HIGH EFFICIENCY 1x/2x CHARGE PUMP
FOR WHITE LED APPLICATIONS
AL3159
Document number: DS35048 Rev. 2 - 2
6 of 10
www.diodes.com
January 2011
© Diodes Incorporated
Functional Description
The AL3159 is a dual-mode high efficiency charge pump
(1x and 2x) device, driving nine LED channels with three
simple
logic
control
inputs,
intended
for
white
LED backlight applications. An internal comparator circuit
compares the voltage at each constant current sink input
against a reference voltage. To ensure maximum power
efficiency, the most appropriate switching mode (1x and
2x) is automatically selected.
The AL3159 requires only three external components: one
1 µF ceramic flying capacitor (C1) for the charge pump,
one 2.2µF ceramic input
capacitor (CIN), and one
2.2µF ceramic charge pump output capacitor (COUT).
The each output channel of the AL3159 can drive nine
individual
LEDs
with
a
maximum
current
of
fixed
manufacture setting (20mA or 30mA) per channel. These
can be paralleled to give a total maximum output current of
270mA.
Disabled Current Sinks
Unused current channels must be disabled by connecting
the sinks to VOUT with only a small sense current flowing
through the disabled channel.
Soft-Start
Soft-start is incorporated to prevent excessive inrush
current
during
power-up,
mode
switching,
and
transitioning out of stand-by mode.
Short-Circuit Protection
Short-circuit protection function is incorporated to prevent
excessive load current when either flying cap terminals or
output pin electrically tied to a very lower voltage or
ground.
Over-Voltage Protection
Over-Voltage Protection function is incorporated to limit
the output voltage under a safe value to avoid on-chip
device breakdown.
Under-Voltage Lockout
Under-Voltage lockout feature disables the device when
the input voltage drops below UVLO threshold.
Thermal Auto Shutdown
When the die temperature exceeds the thermal limit, the
device will be disabled and enter stand-by mode. The
operation resumes whenever the die cools off sufficiently.
CTL<3:1>
LED ON/OFF CONTROL
000
ALL OFF
001
LED1~LED2 ON
010
LED3~LED5 ON
011
LED6~LED9 ON
100
LED9 ON
101
LED6~LED8 ON
110
LED1~LED5 ON
111
ALL ON



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com