Electronic Components Datasheet Search
  English  ▼

X  

AL3159FSG Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AL3159FSG
Description  HIGH EFFICIENCY 1x/2x CHARGE PUMP FOR WHITE LED APPLICATIONS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL3159FSG Datasheet(HTML) 1 Page - Diodes Incorporated

  AL3159FSG Datasheet HTML 1Page - Diodes Incorporated AL3159FSG Datasheet HTML 2Page - Diodes Incorporated AL3159FSG Datasheet HTML 3Page - Diodes Incorporated AL3159FSG Datasheet HTML 4Page - Diodes Incorporated AL3159FSG Datasheet HTML 5Page - Diodes Incorporated AL3159FSG Datasheet HTML 6Page - Diodes Incorporated AL3159FSG Datasheet HTML 7Page - Diodes Incorporated AL3159FSG Datasheet HTML 8Page - Diodes Incorporated AL3159FSG Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
AL3159
HIGH EFFICIENCY 1x/2x CHARGE PUMP
FOR WHITE LED APPLICATIONS
AL3159
Document number: DS35048 Rev. 2 - 2
1 of 10
www.diodes.com
January 2011
© Diodes Incorporated
Description
The AL3159 is a low noise, constant frequency charge pump
DC/DC converter that uses a Dual mode load switch (1x), and (2x)
conversion for white LED applications. The AL3159 is capable of
driving nine LED channels at 20mA from a 2.7V to 5.5V input. The
current sinks may be operated using three simple logic control
inputs individually or in parallel for driving higher-current LEDs. Low
external
part
counts
(one
1µF
flying
capacitor
and
two
2.2µF capacitors at VIN and VOUT) make this part ideally suited for
small, battery-powered applications.
AL3159
digital
inputs
are
used
to
enable
or
disable
the
LED channels with a fixed default current settings at 20mA or other
factory programming options available.
Each output of the AL3159 is equipped with built-in protection for
VOUT short circuit and auto-disable for LED short conditions. Built-in
soft-start circuitry prevents excessive inrush current during start-up
and mode switching. A low-current shutdown feature disconnects
the load from VIN to reduce quiescent current less than 1µA.
The AL3159 is available in a lead-free, space-saving, thermally
enhanced 20-pin 3 x 3mm QFN package.
Features
• V
IN range: 2.7V to 5.5V
• Up to 93% Max Power Efficiency
• 1% Current Matching Accuracy Between Channels
• Drives up to 9 configurable Channels of LEDs
• Three simple logic decoding LED On/Off control inputs
• Low transition threshold voltage typical 150 mV
• Dual-Mode 1x and 2x Charge Pump
• 1.2 MHz Constant Switching Frequency
•
VOUT short circuit and Thermal Protections
• Soft Start for reducing inrush current
• I
Q <1µA in Shutdown
• Thermally-Enhanced QFN3030-20 Package: Available in
“Green” Molding Compound (No Br, Sb)
• Lead Free Finish/ RoHS Compliant (Note 1)
Pin Assignments
Applications
• Mobile Phone White LED Backlighting and Indicators
• PDA White LED backlighting
• Battery-operated Phone Main and Sub Screen White LED
Backlighting
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at
http://www.diodes.com/products/lead_free.html
Typical Application Circuit


Similar Part No. - AL3159FSG

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL3159FSG-7 DIODES-AL3159FSG-7 Datasheet
385Kb / 10P
HIGH EFFICIENCY 1x/2x CHARGE PUMP FOR WHITE LED APPLICATIONS
DS35048 Rev. 2 - 2
More results

Similar Description - AL3159FSG

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3152 ANALOGICTECH-AAT3152 Datasheet
123Kb / 10P
High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
logo
Advanced Analog Technol...
AAT3140 AAT-AAT3140 Datasheet
483Kb / 16P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
3140.2007.03.1.3
AAT3142 AAT-AAT3142 Datasheet
481Kb / 16P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
3142.2007.03.1.2
logo
Advanced Analogic Techn...
AAT3158 ANALOGICTECH-AAT3158 Datasheet
284Kb / 11P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analog Technol...
AAT3169 AAT-AAT3169 Datasheet
442Kb / 14P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
3169.2006.08.1.2
logo
Diodes Incorporated
AL3158 DIODES-AL3158 Datasheet
368Kb / 10P
HIGH EFFICIENCY 1x/2x CHARGE PUMP FOR WHITE LED APPLICATIONS
DS35047 Rev. 1 - 2
AL3159 DIODES-AL3159 Datasheet
385Kb / 10P
HIGH EFFICIENCY 1x/2x CHARGE PUMP FOR WHITE LED APPLICATIONS
DS35048 Rev. 2 - 2
AL3158 DIODES-AL3158_11 Datasheet
369Kb / 10P
HIGH EFFICIENCY 1x/2x CHARGE PUMP FOR WHITE LED APPLICATIONS
DS35047 Rev. 2 - 2
logo
SiGe Semiconductor, Inc...
AATIAN58 SIGE-AATIAN58 Datasheet
86Kb / 4P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
AATIAN60 SIGE-AATIAN60 Datasheet
87Kb / 4P
High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com