Electronic Components Datasheet Search
  English  ▼

X  

ATB010 Datasheet(PDF) 4 Page - CML Microcircuits

Part # ATB010
Description  A Compact Low-cost RF Technology Demonstrator for Design and Development
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

ATB010 Datasheet(HTML) 4 Page - CML Microcircuits

  ATB010 Datasheet HTML 1Page - CML Microcircuits ATB010 Datasheet HTML 2Page - CML Microcircuits ATB010 Datasheet HTML 3Page - CML Microcircuits ATB010 Datasheet HTML 4Page - CML Microcircuits ATB010 Datasheet HTML 5Page - CML Microcircuits ATB010 Datasheet HTML 6Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CML Microcircuits
COMMUNICATION SEMICONDUCTORS
PRODUCT PREVIEW
ATB010 – dPMR RF Demonstrator
© 2009 CML Microsystems Plc
Page 4 of 6
August 2009
Antenna Connector
USB to/from PC
Voice Input from Microphone
Audio Output to Loudspeaker/Earphone
To Rx Antenna
Tx Dummy Load
On-board:
CMX7141 dPMR Baseband Processor
CMX618 RALCWI Vocoder with Integrated Voice Codec
PC GUI S/W
32-bit RISC DSP Microprocessor
PE0002 DemoKit Interface Card
DE6181 DemoKit
ATB010 RF
Demonstrator
The ATB010 RF Demonstrator configured as a complete dPMR transceiver
Example Performance Specification
Frequency range
446.0 to 446.2 MHz
Channel spacing
6.25 or 12.5 kHz
Transmitter output power
500mW
Modulation
4-Level FSK and analogue FM
Sensitivity (BER = 1%)
-118dBm (typ)
Adjacent channel power
>-60dB
Adjacent channel rejection
>50dB
Power supply
3.6V (nom)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com