Electronic Components Datasheet Search
  English  ▼

X  

ATB010 Datasheet(PDF) 1 Page - CML Microcircuits

Part # ATB010
Description  A Compact Low-cost RF Technology Demonstrator for Design and Development
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

ATB010 Datasheet(HTML) 1 Page - CML Microcircuits

  ATB010 Datasheet HTML 1Page - CML Microcircuits ATB010 Datasheet HTML 2Page - CML Microcircuits ATB010 Datasheet HTML 3Page - CML Microcircuits ATB010 Datasheet HTML 4Page - CML Microcircuits ATB010 Datasheet HTML 5Page - CML Microcircuits ATB010 Datasheet HTML 6Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CML Microcircuits
COMMUNICATION SEMICONDUCTORS
PRODUCT PREVIEW
ATB010
dPMR RF Demonstrator
© 2009 CML Microsystems Plc
Page 1 of 6
August 2009
August 2009
Product Preview
A Compact Low-cost RF Technology Demonstrator for Design and Development
of Digital FDMA PMR Transceiver Products
Features
•
Low cost dPMR/PMR446 technology
demonstrator
•
On-board 19.2MHz reference and
PLL/VCOs for 446MHz operation
•
Meets EN 301 166 (dPMR) and EN 300 296
(PMR446)
•
DE6181 (CMX7141) Interfacing and
PE0002 control via PC
•
446.0 to 446.2 MHz at 500mW Tx operation
•
Compact footprint:
RF area = 45mm x 50mm
•
Sensitive switched bandwidth limiter-
discriminator receiver
•
Functional test scripts available
Brief Description
The ATB010 is a small, low cost, PCB-based RF technology demonstrator aimed at speeding
manufacturers' design and development of dPMR/PMR446 transceiver products. The board is designed
as a plug-in to the CML *DE6181 demonstration kit. Along with a *PE0002 host controller a full RF
transceiver can be assembled to offer a variety of voice and data options configurable via Function
Image™ and control scripts.
All the necessary RF circuits are provided on the ATB010 PCB: receiver and transmitter VCOs, a
500mW RF power amplifier, harmonic filter, antenna switching, LNA, RF to IF mixer and limiter
discriminator IF processing. The RF performance is designed to be compliant with EN 301 166 (6.25kHz
dPMR) and EN 300 296 (12.5kHz PMR446). The DE6181 demonstration kit is a flexible platform that
can provide both digital (dPMR) and analogue (PMR446) functionality.
The design is production-engineered for low bill of materials cost, with a minimum number of component
types and values and uses only low-cost off-the-shelf components. The design uses a single 3.6V
supply, e.g. 3 AAA cells or a Li-ion battery.
*DE6181: Demonstration Kit for CML’s CMX618 and CMX7141.
*PE0002: Evaluation Kit - a global interface system for use with evaluation kits for CML's new generation
ICs, including FirmASIC
®-based products.


Similar Part No. - ATB010

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
ATB CDE-ATB Datasheet
341Kb / 2P
105°C Long Life, Low Impedance
Sep-21
logo
Illinois Capacitor, Inc...
ATB105M050 ILLINOISCAPACITOR-ATB105M050 Datasheet
119Kb / 1P
SURFACE MOUNT
logo
Cornell Dubilier Electr...
ATB105M050 CDE-ATB105M050 Datasheet
341Kb / 2P
105°C Long Life, Low Impedance
Sep-21
logo
Illinois Capacitor, Inc...
ATB106M016 ILLINOISCAPACITOR-ATB106M016 Datasheet
119Kb / 1P
SURFACE MOUNT
logo
Cornell Dubilier Electr...
ATB106M016 CDE-ATB106M016 Datasheet
341Kb / 2P
105°C Long Life, Low Impedance
Sep-21
More results

Similar Description - ATB010

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-FZ122PA050SC01-P997F18 VINCOTECH-10-FZ122PA050SC01-P997F18 Datasheet
2Mb / 15P
Compact and low inductance design
10-FZ122PA075SC-P998F08 VINCOTECH-10-FZ122PA075SC-P998F08 Datasheet
2Mb / 15P
Compact and low inductance design
10-FZ122PA100SC01-P999F18 VINCOTECH-10-FZ122PA100SC01-P999F18 Datasheet
2Mb / 15P
Compact and low inductance design
30-P2126PA050SC-L287F09Y VINCOTECH-30-P2126PA050SC-L287F09Y Datasheet
1Mb / 16P
Compact and low inductive design
30-P2126PA075SC-L288F09Y VINCOTECH-30-P2126PA075SC-L288F09Y Datasheet
1Mb / 16P
Compact and low inductive design
30-P2126PA150NB-L280F69Y VINCOTECH-30-P2126PA150NB-L280F69Y Datasheet
464Kb / 7P
Compact and low inductive design
V23990-P823-F10-PM VINCOTECH-V23990-P823-F10-PM Datasheet
737Kb / 15P
Compact and Low Inductance Design
10-FZ062TA030 VINCOTECH-10-FZ062TA030 Datasheet
2Mb / 20P
Compact and low inductance design
30-F212PMA100M701-L880A70 VINCOTECH-30-F212PMA100M701-L880A70 Datasheet
2Mb / 35P
Compact and low inductive design
V23990-P823-F-PM VINCOTECH-V23990-P823-F-PM Datasheet
1Mb / 16P
Compact and Low Inductance Design
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com