Electronic Components Datasheet Search
  English  ▼

X  

CMX017 Datasheet(PDF) 6 Page - CML Microcircuits

Part # CMX017
Description  UHF FM/FSK Transmitter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX017 Datasheet(HTML) 6 Page - CML Microcircuits

Back Button CMX017 Datasheet HTML 2Page - CML Microcircuits CMX017 Datasheet HTML 3Page - CML Microcircuits CMX017 Datasheet HTML 4Page - CML Microcircuits CMX017 Datasheet HTML 5Page - CML Microcircuits CMX017 Datasheet HTML 6Page - CML Microcircuits CMX017 Datasheet HTML 7Page - CML Microcircuits CMX017 Datasheet HTML 8Page - CML Microcircuits CMX017 Datasheet HTML 9Page - CML Microcircuits CMX017 Datasheet HTML 10Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
© 1999 Consumer Microcircuits Limited
6
D/017/3
1.4
External Components
Component Values:
L1
1.5nH
L2
22nH
L3
6.8nH
L4
22nH
D1
Varactor
Varactor Diode, type SMV1233-011
~
Resonator
Co-Axial Resonator, type RG402, length = 11mm, shorted end.
C1
5.6pF
C2
33pF
C3
4.3pF
C4
6.8pF
C5
100pF
C6
100pF
C7
100pF
C8
100pF
C9
100pF
C10
100pF
C11
100pF
C12
100pF
R1
10k
Ω
R2
10k
Ω
R3
TBD k
Ω
(value is application dependent)
R4
TBD k
Ω
SMD Potentiometer
(value is application dependent)
NOTE: Components are surface mount, type SMD0603, unless otherwise marked.
Figure 2 Example of CMX017 with External Components



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com