Electronic Components Datasheet Search
  English  ▼

X  

CMX017 Datasheet(PDF) 13 Page - CML Microcircuits

Part # CMX017
Description  UHF FM/FSK Transmitter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX017 Datasheet(HTML) 13 Page - CML Microcircuits

Back Button CMX017 Datasheet HTML 6Page - CML Microcircuits CMX017 Datasheet HTML 7Page - CML Microcircuits CMX017 Datasheet HTML 8Page - CML Microcircuits CMX017 Datasheet HTML 9Page - CML Microcircuits CMX017 Datasheet HTML 10Page - CML Microcircuits CMX017 Datasheet HTML 11Page - CML Microcircuits CMX017 Datasheet HTML 12Page - CML Microcircuits CMX017 Datasheet HTML 13Page - CML Microcircuits CMX017 Datasheet HTML 14Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
© 1999 Consumer Microcircuits Limited
13
D/017/3
Operating Characteristics
For the following conditions unless otherwise specified:
Vcc = 2.7V to 3.3V, Tamb = -10°C to +60°C,
RF = 915MHz, 50
Ω source and load impedance.
Pin
Min.
Typ.
Max.
Units
DC Parameters
Device Fully Enabled (ENLPA=HI and ENLMOD=HI)
Icc
1 [Output Power = +20dBm at PAOUT (Pin 9)]
-
130
-
mA
Icc
1 [Output Power = +10dBm at PAOUT (Pin 9)]
-
60
-
mA
Icc
1 [Output Power = 0dBm at PAOUT (Pin 9)]
-
40
-
mA
Device in Power-Down Modes
Icc
1 in STANDBY mode (ENLPA = LO and ENLMOD = HI)
-
24
-
mA
Icc
1 in SLEEP mode (ENLPA = LO and ENLMOD = LO)
-
TBD
10
µA
AC Parameters
Modulator, VCO Buffer and PA Driver
Output Power [GAIN (pin 2) at Vcc]
26
-
-4.0
-
dBm
Output Power [GAIN (pin 2) at 1.5V]
26
-
-9.0
-
dBm
Output Power [GAIN (pin 2) at 1.0V]
26
-
-14
-
dBm
Buffered VCO Output at OSCOUT pin
2
19
-
-10
-
dBm
Oscillator Second Harmonic Output
3
26
-
-25
-
dBc
Oscillator Third Harmonic Output
3
26
-
-35
-
dBc
Modulation Sensitivity
4
18
-
0.4
-
MHz/V
Maximum Deviation
5
26
-
1.5
-
MHz
Input Data Rate
18
-
-
TBD
kBits/S
Output VSWR (at maximum output power)
26
-
TBD
-
Power Amplifier
Power Gain
28, 9
-
22
-
dB
Power Gain (with external matching at Vcc = 3.3V)
28, 9
-
24
-
dB
Maximum Power Gain Variation
6
28, 9
-
2.0
-
dB
Maximum Power Gain Variation
6
(with matching)
28,9
-
1.5
-
dB
Input 1dB Compression Point
9
-
+1.0
-
dBm
Input 1dB Compression Point (with matching)
9
-
0
-
dBm
Reverse Isolation
9, 28
-
-35
-
dB
Output VSWR (at maximum output power)
9
-
TBD
-
Notes:
1.
Total current from the external 3.0V power supply.
2.
Power measured into a 50
Ω load.
3. With external matching.
4. Stepped modulation voltage input from 1.0V to 2.0V.
5. Stepped modulation voltage from 0V to 3.0V.
6. Input Power = -15dBm to -1dBm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com