Electronic Components Datasheet Search
  English  ▼

X  

CMX644AD2 Datasheet(PDF) 12 Page - CML Microcircuits

Part # CMX644AD2
Description  V.22 and Bell 212A Modem
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX644AD2 Datasheet(HTML) 12 Page - CML Microcircuits

Back Button CMX644AD2 Datasheet HTML 8Page - CML Microcircuits CMX644AD2 Datasheet HTML 9Page - CML Microcircuits CMX644AD2 Datasheet HTML 10Page - CML Microcircuits CMX644AD2 Datasheet HTML 11Page - CML Microcircuits CMX644AD2 Datasheet HTML 12Page - CML Microcircuits CMX644AD2 Datasheet HTML 13Page - CML Microcircuits CMX644AD2 Datasheet HTML 14Page - CML Microcircuits CMX644AD2 Datasheet HTML 15Page - CML Microcircuits CMX644AD2 Datasheet HTML 16Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
V22 and Bell 212A Modem
CMX644A
© 2000 Consumer Microcircuits Limited
12
D/644A/6
TX TONES Register ($E1)
This register is used to transmit both DTMF and modem progress tones.
TONESEL
(Bit 7)
This bit selects the “Answer Tone” frequency in the receive detector. A
‘0’ selects 2225Hz and a ‘1’ selects 2100Hz.
TONE/NOTONE
(Bit 6)
This bit should be used to begin and end the transmission of tones once
the required frequency has been programmed. When set to ‘1’ the tone
will be transmitted; when set to ‘0’ a Notone (Bias Voltage) will be
generated.
DTMF/MODEM TONES
(Bit 5)
When this bit is set to ‘1’ the device is configured for DTMF. When it is
set to ‘0’ the device is configured to transmit modem progress tones.
DTMF/SNGL
(Bit 4)
For normal DTMF operation this bit should be set to ‘0’. For test
purposes it can be set to ‘1’ in order to select the tone frequencies
individually.
The following table shows the settings required for transmitting DTMF (Bit 5 should be set to ‘1’. Bits 6 and 7
should be operated as described above).
D3
D2
D1
D0
Lower Freq. (Hz)
(setting Bit 4 = 0)
Upper Freq. (Hz)
(setting Bit 4 = 0)
Keypad
symbol
Single Tone Freq.
(Hz)
(setting Bit 4 = 1)
0
0
0
0
941
1633
D
1633
0
0
0
1
697
1209
1
1209
0
0
1
0
697
1336
2
1336
0
0
1
1
697
1477
3
1477
0
1
0
0
770
1209
4
1209
0
1
0
1
770
1336
5
1336
0
1
1
0
770
1477
6
1477
0
1
1
1
852
1209
7
1209
1
0
0
0
852
1336
8
852
1
0
0
1
852
1477
9
852
1
0
1
0
941
1336
0
941
1
0
1
1
941
1209
*
941
1
1
0
0
941
1477
#
941
1
1
0
1
697
1633
A
697
1
1
1
0
770
1633
B
770
1
1
1
1
852
1633
C
852
The following table shows the settings required for transmitting modem progress tones. (Set Bit 4 to ‘0’ and
Bit 5 to ‘0’. Bits 6 and 7 should be operated as described earlier).
D3
D2
D1
D0
Frequency (Hz)
Tone
Description
0
0
0
0
550
Guard
0
0
0
1
1300
Calling
0
0
1
0
1800
Guard
0
0
1
1
2100
Answer
0
1
0
0
2225
Answer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com