Electronic Components Datasheet Search
  English  ▼

X  

CMX644AD2 Datasheet(PDF) 13 Page - CML Microcircuits

Part # CMX644AD2
Description  V.22 and Bell 212A Modem
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX644AD2 Datasheet(HTML) 13 Page - CML Microcircuits

Back Button CMX644AD2 Datasheet HTML 9Page - CML Microcircuits CMX644AD2 Datasheet HTML 10Page - CML Microcircuits CMX644AD2 Datasheet HTML 11Page - CML Microcircuits CMX644AD2 Datasheet HTML 12Page - CML Microcircuits CMX644AD2 Datasheet HTML 13Page - CML Microcircuits CMX644AD2 Datasheet HTML 14Page - CML Microcircuits CMX644AD2 Datasheet HTML 15Page - CML Microcircuits CMX644AD2 Datasheet HTML 16Page - CML Microcircuits CMX644AD2 Datasheet HTML 17Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
V22 and Bell 212A Modem
CMX644A
© 2000 Consumer Microcircuits Limited
13
D/644A/6
GAIN BLOCKS Register ($E2)
Bits 0 to 3 (RG0 to RG3) control the levels of the receiver input gain block according to the following table:
RG3
(Bit 3)
RG2
(Bit 2)
RG1
(Bit 1)
RG0
(Bit 0)
GAIN (dB)
0
0
0
0
-4.70
0
0
0
1
-3.46
0
0
1
0
-2.12
0
0
1
1
-0.96
0
1
0
0
0.00
0
1
0
1
0.87
0
1
1
0
1.64
0
1
1
1
2.36
1
0
0
0
3.08
1
0
0
1
3.69
1
0
1
0
4.22
1
0
1
1
4.76
1
1
0
0
5.27
1
1
0
1
5.78
1
1
1
0
6.21
1
1
1
1
6.58
The gain should be set in a calibration procedure in order to trim out the effects of any component tolerances
which may give rise to a variation in the Carrier Detect Threshold levels.
Bits 4 to 7 (TG0 to TG3) control the levels of the transmit path gain block according to the following table:
TG3
(Bit 7)
TG2
(Bit 6)
TG1
(Bit 5)
TG0
(Bit 4)
GAIN (dB)
0
0
0
0
OFF
(o/p at Bias)
0
0
0
1
-5.6
0
0
1
0
-5.2
0
0
1
1
-4.8
0
1
0
0
-4.4
0
1
0
1
-4.0
0
1
1
0
-3.6
0
1
1
1
-3.2
1
0
0
0
-2.8
1
0
0
1
-2.4
1
0
1
0
-2.0
1
0
1
1
-1.6
1
1
0
0
-1.2
1
1
0
1
-0.8
1
1
1
0
-0.4
1
1
1
1
0.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com