Electronic Components Datasheet Search
  English  ▼

X  

MX105AP Datasheet(PDF) 9 Page - CML Microcircuits

Part # MX105AP
Description  Tone Detector
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

MX105AP Datasheet(HTML) 9 Page - CML Microcircuits

Back Button MX105AP Datasheet HTML 5Page - CML Microcircuits MX105AP Datasheet HTML 6Page - CML Microcircuits MX105AP Datasheet HTML 7Page - CML Microcircuits MX105AP Datasheet HTML 8Page - CML Microcircuits MX105AP Datasheet HTML 9Page - CML Microcircuits MX105AP Datasheet HTML 10Page - CML Microcircuits MX105AP Datasheet HTML 11Page - CML Microcircuits MX105AP Datasheet HTML 12Page - CML Microcircuits MX105AP Datasheet HTML 13Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Tone Detector
9
MX105A PRELIMINARY INFORMATION
© 1997 MX•COM, INC.
www.mxcom.com Tele: 800 638 5577 910 744 5050 Fax: 910 744 5054
Doc.# 20480133.003
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
5.9 Calculate Maximum De-response Time
T3
ln
V
V
R3
C3
OFF
TH
IN
A
MAX
≈− ×


×
where: VTH is the detect filter sensitivity.
For improved de-response time, a diode (1N914 or similar) can be placed between pins 5 and 6, as shown in Figure 3.
The formula and figure below show the approximate time the MX105A will take to turn off after an in-band signal has been
removed. The effect of this diode is to greatly reduce the turn-off time with signal input amplitudes greater than 300
mVRMS. This graph is for VDD = 5V; for lower VDD KDT increases.
T
K
R3
C3
OFF
DT
A
≈×
×
3.8
3.6
3.4
3.2
3.0
2.8
2.6
2.4
2.2
0
80
160
240
320
400
480
560
640
720
Input Signal Level (mV
)
RMS
Figure 4: KDT Factor for TOFF vs. Signal Input Amplitude



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com