Electronic Components Datasheet Search
  English  ▼

X  

MX105AP Datasheet(PDF) 10 Page - CML Microcircuits

Part # MX105AP
Description  Tone Detector
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

MX105AP Datasheet(HTML) 10 Page - CML Microcircuits

Back Button MX105AP Datasheet HTML 6Page - CML Microcircuits MX105AP Datasheet HTML 7Page - CML Microcircuits MX105AP Datasheet HTML 8Page - CML Microcircuits MX105AP Datasheet HTML 9Page - CML Microcircuits MX105AP Datasheet HTML 10Page - CML Microcircuits MX105AP Datasheet HTML 11Page - CML Microcircuits MX105AP Datasheet HTML 12Page - CML Microcircuits MX105AP Datasheet HTML 13Page - CML Microcircuits MX105AP Datasheet HTML 14Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Tone Detector
10
MX105A PRELIMINARY INFORMATION
© 1997 MX•COM, INC.
www.mxcom.com Tele: 800 638 5577 910 744 5050 Fax: 910 744 5054
Doc.# 20480133.003
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
5.10 Calculate Signal to Noise Performance
Worst-case S/N calculations depend on calculation of a value “M” using the formula shown below:
M
R3
C3
3R2
C2
A
A
=
×
××
substituting example values,
M
510
0.1
3200
=
×
××
=
001
85
.
.
By substituting this value for M in Figure 5, the minimum required S/N of an in band tone with respect to an adjacent
interfering tone can be found. This then has to be increased depending on the input tone amplitude.
Number of Bandwidths Separation
24
68
10
1
M = 0.1
M = 0.33
M = 1
M =
∞
-4
-8
-12
-16
-20
-24
-28
0
Figure 5: S/N vs. BW Separation
The following formula expresses the reduction in noise immunity as the input signal approaches the detect filter sensitivity
VTH.
required
S
N
= 20log
V
VV
+
S
N
IN
IN
TH
Figure 5
−
If this S/N is better than required for the application, R3
×C3A can be reduced, or the operating bandwidth can be
increased to obtain a faster tone detection time.
If the S/N performance is not adequate, the operating bandwidth can be reduced toward the MUBW, or R3C3A can be
increased to improve S/N performance at the expense of slower response time.
5.11 Calculate C4 for 30° Phase Shift
Capacitor C4 is used to phase shift the input to the VCO commutating filter by 30°, thereby shifting the sampling clocks by
the same amount. This enables the Detect sampling filter to sample and integrate at the maximum and minimum of the
input tone.
C4
tan(30 )
2f
0.092
f
164pF
0V
0V
=
°
××
≈
×
≈
π
R
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com