Electronic Components Datasheet Search
  English  ▼

X  

MX214P Datasheet(PDF) 3 Page - CML Microcircuits

Part # MX214P
Description  Variable Split Band Inverter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

MX214P Datasheet(HTML) 3 Page - CML Microcircuits

  MX214P Datasheet HTML 1Page - CML Microcircuits MX214P Datasheet HTML 2Page - CML Microcircuits MX214P Datasheet HTML 3Page - CML Microcircuits MX214P Datasheet HTML 4Page - CML Microcircuits MX214P Datasheet HTML 5Page - CML Microcircuits MX214P Datasheet HTML 6Page - CML Microcircuits MX214P Datasheet HTML 7Page - CML Microcircuits MX214P Datasheet HTML 8Page - CML Microcircuits MX214P Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Variable Split Band Inverter
3
MX214/224
1998 MX-COM, Inc.
www.mxcom.com Tel: 800 638 5577 336 744 5050 Fax: 336 744 5054
Doc. # 20480112.002
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
1.
Block Diagram
CLEAR / SCRAMBLE
EN / MUTE
Rx / Tx
LOAD / LATCH
SERIAL CLOCK
ENABLE / MUTE
CLEAR / SCRAMBLE
Rx /
(SER / PAR)
Tx
A0
A1
A2
A3
A4
(SERIAL DATA IN)
Rx IN
PS
BIAS
EN
Rx
⋅⋅
PS
Rx
MUTE
BIAS
CK3
Tx
⋅ PS
Tx
⋅ PS
BIAS
CKA
Tx IN
PS
C6
Rx
Tx
FC1
Rx
Tx
FC2
CK4
CKA
Tx
Rx
BIAS
CLEAR
Tx
SCRAMBLE
CK4
BIAS
BIAS
BIAS
PS MUTE Rx
⋅⋅
Rx OUT
PS + EN Rx
⋅
CTCSS
CKB
Rx
Rx
PS EN Tx
⋅⋅
PS + EN Tx
⋅
Tx OUT
CLOCK
SWITCHING
Rx / Tx
VDD
VBIAS
VSS
CLOCK
DIVIDER
1MHz
PS
CKB CKB
CK3
CK4
CKA FC1 FC2
CLOCK
DIVIDER
ROM
1MHz
OSC
XTAL / CLOCK
XTAL
INPUT LATCHES
POWERSAVE
FILTER 3
FILTER 2
FILTER 1
FILTER 4
C5
Σ
Figure 1: Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com