Electronic Components Datasheet Search
  English  ▼

X  

AP7311 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AP7311
Description  150mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7311 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AP7311 Datasheet HTML 4Page - Diodes Incorporated AP7311 Datasheet HTML 5Page - Diodes Incorporated AP7311 Datasheet HTML 6Page - Diodes Incorporated AP7311 Datasheet HTML 7Page - Diodes Incorporated AP7311 Datasheet HTML 8Page - Diodes Incorporated AP7311 Datasheet HTML 9Page - Diodes Incorporated AP7311 Datasheet HTML 10Page - Diodes Incorporated AP7311 Datasheet HTML 11Page - Diodes Incorporated AP7311 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
AP7311
150mA, Low Quiescent Current, Fast Transient
Low Dropout Linear Regulator
AP7311 Rev. 2
8 of 13
NOVEMBER 2009
www.diodes.com
© Diodes Incorporated
Typical Performance Characteristics
(Continued)
Start-Up Time (No Load)
Time (50us/div)
Start-Up Time (150mA Load)
Time (50us/div)
Line Transient Response
Time (50us/div)
Line Transient Response
Time (50us/div)
Ven=0 to 2V (1V/div)
Vin=2.8V
Cin=Cout=1uF
Vout=1.8V (1V/div)
Ven=0 to 2V (1V/div)
Vin=2.8V
Cin=Cout=1uF
Vout=1.8V (1V/div)
Vout=1.8V (50mV/div)
Iout=150mA (150mA/div)
Vin=3.8V to 2.8V (1V/div)
Tf=15us
Vin=2.8V to 3.8V (1V/div)
Tr=15us
Vout=1.8V (50mV/div)
Iout=150mA (150mA/div)
Iout=150mA (150mA/div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com