Electronic Components Datasheet Search
  English  ▼

X  

AP7311 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP7311
Description  150mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7311 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP7311 Datasheet HTML 1Page - Diodes Incorporated AP7311 Datasheet HTML 2Page - Diodes Incorporated AP7311 Datasheet HTML 3Page - Diodes Incorporated AP7311 Datasheet HTML 4Page - Diodes Incorporated AP7311 Datasheet HTML 5Page - Diodes Incorporated AP7311 Datasheet HTML 6Page - Diodes Incorporated AP7311 Datasheet HTML 7Page - Diodes Incorporated AP7311 Datasheet HTML 8Page - Diodes Incorporated AP7311 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
AP7311
150mA, Low Quiescent Current, Fast Transient
Low Dropout Linear Regulator
AP7311 Rev. 2
1 of 13
NOVEMBER 2009
www.diodes.com
© Diodes Incorporated
•
150mA Low Dropout Regulator with EN
•
Very low IQ over full load: 65µA
•
Wide input voltage range: 2V to 6V
•
Wide adjustable output: 0.8V to 5.0V
•
Fixed output options: 1.0V to 3.3V
•
PSRR: 65dB at 100Hz
•
Fast start-up time: 80µs
•
Stable with low ESR, 1µF ceramic output capacitor
•
Excellent Load/Line Transient Response
•
Low dropout: 150mV typical at 150mA
•
Current limit protection
•
Short circuit protection
•
Thermal shutdown protection
•
Ambient temperature range: -40ºC to 85°C
•
SOT25: Available in “Green” Molding Compound
(No Br, Sb)
•
Lead Free Finish/RoHS Compliant (Note 1)
The AP7311 is a 150mA, adjustable and fixed output voltage, low
dropout linear regulator. The device included pass element, error
amplifier, band-gap, current limit and thermal shutdown circuitry.
The device is turned on when EN pin is set to logic high level.
The characteristics of low dropout voltage and low quiescent
current make it suitable for low power applications, for example,
battery powered devices. The typical quiescent current is
approximately 65
μA.
Built-in current-limit and thermal-shutdown functions prevent IC
from damage in fault conditions.
The AP7311 is available in SOT25 package.
•
Notebook and Desktop Computers and Pheripherals
•
Portable Devices
•
Battery Powered Devices
•
CD-ROM, DVD and LAN Cards
Typical Application Circuit
1uF
IN
GND
EN
OUT
Enable
1uF
VIN
VOUT
AP7311
Fixed Output
1uF
IN
GND
EN
OUT
Enable
ADJ
R2
R1
1uF
VIN
VOUT
AP7311
Adjustable Output
Features
Description
Applications
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
=
2
1
REF
OUT
R
R
1
V
V


Similar Part No. - AP7311

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7312 DIODES-AP7312 Datasheet
293Kb / 18P
DUAL 150mA LOW QUIESCENT CURRENT FAST TRANSIENT LOW DROPOUT
DS35133 Rev. 1 - 2
logo
Dialight Corporation
AP7312-1218FM-7 DIALIGHT-AP7312-1218FM-7 Datasheet
293Kb / 18P
DUAL 150mA LOW QUIESCENT CURRENT FASTTRANSIENT LOW DROPOUT LINEAR REGULATOR
AP7312-1218W6-7 DIALIGHT-AP7312-1218W6-7 Datasheet
293Kb / 18P
DUAL 150mA LOW QUIESCENT CURRENT FASTTRANSIENT LOW DROPOUT LINEAR REGULATOR
AP7312-1233FM-7 DIALIGHT-AP7312-1233FM-7 Datasheet
293Kb / 18P
DUAL 150mA LOW QUIESCENT CURRENT FASTTRANSIENT LOW DROPOUT LINEAR REGULATOR
AP7312-1233W6-7 DIALIGHT-AP7312-1233W6-7 Datasheet
293Kb / 18P
DUAL 150mA LOW QUIESCENT CURRENT FASTTRANSIENT LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - AP7311

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP133 DIODES-AP133 Datasheet
970Kb / 14P
300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
AP133 Rev. 2
AP7335 DIODES-AP7335 Datasheet
237Kb / 18P
300mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
DS32259 Rev. 1 - 2
AP7365 DIODES-AP7365 Datasheet
327Kb / 21P
600mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
DS32260 Rev. 1 - 2
AP7312 DIODES-AP7312 Datasheet
293Kb / 18P
DUAL 150mA LOW QUIESCENT CURRENT FAST TRANSIENT LOW DROPOUT
DS35133 Rev. 1 - 2
AP7313 DIODES-AP7313 Datasheet
277Kb / 13P
150mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
AP7313 Rev. 2
AP7335A DIODES-AP7335A Datasheet
273Kb / 12P
300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
Rev 2
AP7331-28WG-7 DIODES-AP7331-28WG-7 Datasheet
372Kb / 13P
300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
Rev 3
logo
Unisonic Technologies
LR1112 UTC-LR1112 Datasheet
181Kb / 6P
LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
logo
Zhaoxingwei Electronics...
ZX7365 ZHAOXINGWEI-ZX7365 Datasheet
1Mb / 12P
600mA, LOW QUIESCENT CURRENT FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
logo
Diodes Incorporated
AP7366EA DIODES-AP7366EA Datasheet
1Mb / 17P
600mA, LOW QUIESCENT CURRENT FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
Rev. 1 - 2 July 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com