Electronic Components Datasheet Search
  English  ▼

X  

EV0171 Datasheet(PDF) 6 Page - CML Microcircuits

Part # EV0171
Description  Evaluation Kit User Manual
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

EV0171 Datasheet(HTML) 6 Page - CML Microcircuits

Back Button EV0171 Datasheet HTML 2Page - CML Microcircuits EV0171 Datasheet HTML 3Page - CML Microcircuits EV0171 Datasheet HTML 4Page - CML Microcircuits EV0171 Datasheet HTML 5Page - CML Microcircuits EV0171 Datasheet HTML 6Page - CML Microcircuits EV0171 Datasheet HTML 7Page - CML Microcircuits EV0171 Datasheet HTML 8Page - CML Microcircuits EV0171 Datasheet HTML 9Page - CML Microcircuits EV0171 Datasheet HTML 10Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Evaluation Kit User Manual for CMX017
EV0171
© 1999 Consumer Microcircuits Limited
6
UM0171/2
1.4
Signal Lists
CONNECTOR PINOUT
Connector
Ref.
Connector
Pin No.
Signal
Name
Signal
Type
Description
J1
1
PAOUT
O/P
CMX017 PA Output
J2
1
V
IN
Power
+ve power from external power supply
2
V
SS
Power
0V power from external power supply
J3
1
PAIN
or MODOUT
BI
CMX017 PA Input or Modulator Output
TEST POINTS
Test Point
Ref.
Default
Measurement
Description
TP1
-
CMX017 Modulator Input
TP2
0V
V
SS connection
TP3
3V
AV
DD connection
TP4
0V
V
SS connection
TP5
0V
V
SS connection
TP6
0V
V
SS connection
TP7
0V
V
SS connection
TP8
-
CMX017 Buffered Oscillator Output
TP9
-
Frequency Control Voltage
JUMPERS
Link
Ref.
Positions
Default
Position
Description
JP1
1-2
S
/C
Disconnect to measure AV
DD3 current
JP2
1-2
S
/C
Disconnect to measure AV
DD2 current
JP3
1-2
S
/C
Disconnect to measure AV
DD1 current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com