Electronic Components Datasheet Search
  English  ▼

X  

EV0171 Datasheet(PDF) 15 Page - CML Microcircuits

Part # EV0171
Description  Evaluation Kit User Manual
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

EV0171 Datasheet(HTML) 15 Page - CML Microcircuits

Back Button EV0171 Datasheet HTML 8Page - CML Microcircuits EV0171 Datasheet HTML 9Page - CML Microcircuits EV0171 Datasheet HTML 10Page - CML Microcircuits EV0171 Datasheet HTML 11Page - CML Microcircuits EV0171 Datasheet HTML 12Page - CML Microcircuits EV0171 Datasheet HTML 13Page - CML Microcircuits EV0171 Datasheet HTML 14Page - CML Microcircuits EV0171 Datasheet HTML 15Page - CML Microcircuits EV0171 Datasheet HTML 16Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
Evaluation Kit User Manual for CMX017
EV0171
© 1999 Consumer Microcircuits Limited
15
UM0171/2
1.7
Performance Specification
1.7.1
Electrical Performance
1.7.1.1 Absolute Maximum Ratings
Exceeding these maximum ratings can result in damage to the Evaluation Kit.
Notes
Min.
Max.
Units
Supply (VIN - VSS)
-0.3
40.0
V
Current into or out of VIN and VSS pins
0
+1.5
A
Storage Temperature
-10
+70
°C
Operating Temperature
+10
+35
°C
Input Power to PAIN, J3 (not fitted)
1
+7
dBm
1.7.1.2 Operating Limits
Correct operation of the Evaluation Kit outside these limits is not implied.
Notes
Min.
Max.
Units
Supply (VIN - VSS)
6V
12V
V
Supply (AVDD - VSS)
2.7V
3.3V
V
Operating Temperature
+10
+35
°C
1.7.1.3 Operating Characteristics
For the following conditions unless otherwise specified:
AV
DD = 3.0V, Tamb = +25°C
RF = 860MHz, 50
Ω load impedance.
Notes
Min.
Typ.
Max.
Units
DC Parameters
I
DD (evaluation board - output power = + 20dBm)
2
135mA
I
DD (evaluation board - PA and MOD disabled)
3
5mA
Notes:
1. With optional SMA connector fitted.
2. SW1:1 and SW1:2 are on
3. SW1:1 and SW1:2 are off.
Refer to current CML CMX017 data sheet for further information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com