Electronic Components Datasheet Search
  English  ▼

X  

EV8000 Datasheet(PDF) 27 Page - CML Microcircuits

Part # EV8000
Description  Evaluation Kit User
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

EV8000 Datasheet(HTML) 27 Page - CML Microcircuits

Back Button EV8000 Datasheet HTML 23Page - CML Microcircuits EV8000 Datasheet HTML 24Page - CML Microcircuits EV8000 Datasheet HTML 25Page - CML Microcircuits EV8000 Datasheet HTML 26Page - CML Microcircuits EV8000 Datasheet HTML 27Page - CML Microcircuits EV8000 Datasheet HTML 28Page - CML Microcircuits EV8000 Datasheet HTML 29Page - CML Microcircuits EV8000 Datasheet HTML 30Page - CML Microcircuits EV8000 Datasheet HTML 31Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 35 page
background image
Evaluation Kit User Manual for FX828 and FX829
EV8000
© 2004 CML Microsystems Plc
27
UM8000/4
1.6.3.22 FFSK Rx Message
Select FFSKRX and AMP1 by clicking on their respective checkboxes in the Control 1 write
register and enable the required synchronisation bit in the Control 3 / IRQ Enable write register. If
RX SYNC WORD PRIME is selected, enter a 2-byte RX SYNC word in hex, before clicking on the
Update button. If required, other control bits can be set before the Update button is clicked i.e.
baud rate, etc.
The user can now setup the FFSK Rx Message section of the device form. Start by entering the
number of data bytes in a single message, click on the Rx Bytes edit box and enter an integer
number(1-11).
If a FFSK Rx checksum is required based on the number of bytes expected, the Rx checksum
should be set by checking this checkbox. The FFSK Rx message setup can be stored in memory
at any stage by clicking on the Update button. To transfer the data to the
µC board and thus start
receiving FFSK messages the user should click on the Rx Message Start button. The FFSK
message received will be displayed in the read-only, multiline, vertically scrolled edit box. This
edit box will clear automatically when a maximum number of lines is reached (500) . However a
clear button is provided to allow the user to clear the edit box at any stage.
Up to 15 following words can be received by the FFSK Rx Message section, by clicking on the
appropriate edit box and entering the required number. A following word comprises of message
data bytes and checksum (if transmitted) immediately following the previous message without
further synchronisation.
Whilst receiving FFSK messages the FFSK Rx Message Start button is disabled until the FFSK
Rx Stop button is clicked by the user.
Rx message display format with Rx checksum:
Message Synchronisation Codeword, D(message data bytes), C(2-byte checksum, validity)
i.e. SYNC, D(AA,11,33), C(85,2A, TRUE)
Rx message display format without Rx checksum:
Message Synchronisation Codeword, D(message data bytes)
i.e. WORD, D(AA,11,33)
The Rx Message Synchronisation Codeword will be either SYNT, SYNC or WORD.
Note:
The FX829 device form cannot receive continuous FFSK messages when the inter-message
delay is <100ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com