Electronic Components Datasheet Search
  English  ▼

X  

EV8000 Datasheet(PDF) 31 Page - CML Microcircuits

Part # EV8000
Description  Evaluation Kit User
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

EV8000 Datasheet(HTML) 31 Page - CML Microcircuits

Back Button EV8000 Datasheet HTML 27Page - CML Microcircuits EV8000 Datasheet HTML 28Page - CML Microcircuits EV8000 Datasheet HTML 29Page - CML Microcircuits EV8000 Datasheet HTML 30Page - CML Microcircuits EV8000 Datasheet HTML 31Page - CML Microcircuits EV8000 Datasheet HTML 32Page - CML Microcircuits EV8000 Datasheet HTML 33Page - CML Microcircuits EV8000 Datasheet HTML 34Page - CML Microcircuits EV8000 Datasheet HTML 35Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 31 / 35 page
background image
Evaluation Kit User Manual for FX828 and FX829
EV8000
© 2004 CML Microsystems Plc
31
UM8000/4
Notes:
a)
Assembler output files must be in the Intel hex format (.HEX) in order to be usable by this
programming software.
b)
The PIC
µC supplied has a Configuration Word which is preset to 3FB9H if it is a PIC
16C74JW or 16LC74JW, or to 3FB1H if it is a PIC 16C74AJW or 16LC74AJW. In each
case, this selects the crystal oscillator, disables the watch dog timer, enables the power up
timer and disables code protection. The programming software currently defaults to 3FB1H.
Consult Arizona Microchip Technology for more information on the Configuration Word.
c)
The "blank check" command (B) only looks at the first location. A programmed device will
always have data in this location as it is the program start address.
d)
For each of the commands B,P,R and V the user will be prompted to manually reset the
target
µC, by pressing the reset switch (SW1) on the µC board. This is because PIC
programming always starts from location 0000 and the program counter can only be
incremented.
e)
Pressing A will display the program data in the bottom window, formatted in pages of 48
consecutive locations. Use the <PageUp> and <PageDown> keys to scroll through the
data. Pressing <Esc> will return the user to the >ok prompt.
1.6.4.2 EF8000 Firmware
The PIC
µC is supplied pre-programmed with EF8000 firmware, which is used to convert the
RS232 serial interface into a C-BUS interface. It also executes some of the higher data rate
commands and collects high speed interrupts for pre-processing, before passing these back to
the PC. Its operation is transparent and it is controlled by the ES8000 Windows Application
Software.
1.6.5
Known Bugs in the ES8000 (Version 1.0) Software
The warnings highlighted in Sections 1.6.3.20 and 1.6.3.22 should be followed to prevent any
Windows application failures.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com