Electronic Components Datasheet Search
  English  ▼

X  

EV9800 Datasheet(PDF) 5 Page - CML Microcircuits

Part # EV9800
Description  Evaluation Kit
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

EV9800 Datasheet(HTML) 5 Page - CML Microcircuits

  EV9800 Datasheet HTML 1Page - CML Microcircuits EV9800 Datasheet HTML 2Page - CML Microcircuits EV9800 Datasheet HTML 3Page - CML Microcircuits EV9800 Datasheet HTML 4Page - CML Microcircuits EV9800 Datasheet HTML 5Page - CML Microcircuits EV9800 Datasheet HTML 6Page - CML Microcircuits EV9800 Datasheet HTML 7Page - CML Microcircuits EV9800 Datasheet HTML 8Page - CML Microcircuits EV9800 Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
Evaluation Kit User Manual for CMX980A
EV9800
© 1999 Consumer Microcircuits Limited
5
UM9800/3
1.3
Quick Start
This section provides instructions for users who wish to experiment immediately with the evaluation kit.
A fuller description of the kit and its use appears later in this document.
1.3.1
Fitting the TI DSKplus
There are a set of pads on the PCB which match those of the TI DSKplus. The use of commonly
available sockets and pin headers will raise the DSKplus board above the adjacent circuitry.
It is
recommended that the user only fit pins to the pads which are actually used to ease fitting and removal
of the DSKplus board, see circuit schematic.
There is a power rail provided for the DSKplus, therefore it is not necessary to use the PSU supplied by
TI. If however the PSU supplied by TI is to be used the user should remove jumper JP14.
The DSKplus parallel connection should be used as described in the DSKplus user’s guide, TI
document SPRU191.
1.3.2
Software
Copy the files ES9800xx.EXE, EF98Kxx.obj and EF9800xx.obj to a single directory.
1.3.3
Operation
Connect the +/-15 Volt supplies and turn on. Run ES9800xx.EXE. This will reset the TI DSKplus,
before loading the application firmware. Finally, the CMX980A is reset by this firmware. An optional
RESET button allows the manual resetting of the CMX980A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com