Electronic Components Datasheet Search
  English  ▼

X  

EV9800 Datasheet(PDF) 21 Page - CML Microcircuits

Part # EV9800
Description  Evaluation Kit
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

EV9800 Datasheet(HTML) 21 Page - CML Microcircuits

Back Button EV9800 Datasheet HTML 17Page - CML Microcircuits EV9800 Datasheet HTML 18Page - CML Microcircuits EV9800 Datasheet HTML 19Page - CML Microcircuits EV9800 Datasheet HTML 20Page - CML Microcircuits EV9800 Datasheet HTML 21Page - CML Microcircuits EV9800 Datasheet HTML 22Page - CML Microcircuits EV9800 Datasheet HTML 23Page - CML Microcircuits EV9800 Datasheet HTML 24Page - CML Microcircuits EV9800 Datasheet HTML 25Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
Evaluation Kit User Manual for CMX980A
EV9800
© 1999 Consumer Microcircuits Limited
21
UM9800/3
FFA0<CR,LF>
; etc with one 16 bit signed I or Q value in hex on each line until the last line, line
; 2048 in this case, with the last Q value and no carriage return.
34E1
• Filter Coefficients.
4,000063<CR,LF>
0<CR,LF>
0<CR,LF>
FFE6<CR,LF>
FFD9<CR,LF>
; etc with one 16 or 12 bit signed value in hex on each line until the last line, line
; 63 in this case, with the last coefficient and no carriage return.
17D4
In all cases the 6-character value on the first line is the number of lines of data in decimal.
1.6.6
Troubleshooting
This software will NOT run with Windows NT.
1.6.6.1 PC Requirements
The ES9800 software has been verified on a limited group of machine and operating system
combinations as follows.
486DX2-66, Windows 95.
P133, Windows 3.11.
P200, Windows 95.
Note: Operation has not been verified under Windows 98.
There are traps for possible DSKplus firmware download problems. If the user wishes to try again
when a problem is flagged, a System..Initialise function is available from the mainframe menu, if the
‘main panel’ is closed down.
If there are problems communicating with the DSKplus a selftest utility is available. This can be
accessed when the main panel and Tx or Rx panels are closed. From the menu bar, System… HPI
selftest.
Note: The selftest function loads the DSKplus with different firmware. Therefore, to restart the
evaluation software select ‘System... Initialise’. The option ‘System... Open Main Panel’ allows the
main GUIs to be viewed without the hardware being present.
1.6.6.2 Resetting the DSKplus
If the ES9800 windows application is exited abnormally, the DSKplus will not be left in the correct state
for re-starting. In this situation it will be necessary to power-down the DSKplus and power-up again
before attempting to restart the ES9800 windows software. If the power-down is not performed, a
'DSKplus not found !!' message will be displayed.
1.6.6.3 Window Activity and Screensavers
If transmitting random data continuously from the PC it will probably be necessary to disable the
windows screen saver. The processor activity required to invoke the screen saver will prevent data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com