Electronic Components Datasheet Search
  English  ▼

X  

APM8601 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # APM8601
Description  DUAL CHANNEL SINGLE CELL LINEAR LITHIUM BATTERY CHARGER WITH 28V
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APM8601 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button APM8601 Datasheet HTML 4Page - Diodes Incorporated APM8601 Datasheet HTML 5Page - Diodes Incorporated APM8601 Datasheet HTML 6Page - Diodes Incorporated APM8601 Datasheet HTML 7Page - Diodes Incorporated APM8601 Datasheet HTML 8Page - Diodes Incorporated APM8601 Datasheet HTML 9Page - Diodes Incorporated APM8601 Datasheet HTML 10Page - Diodes Incorporated APM8601 Datasheet HTML 11Page - Diodes Incorporated APM8601 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
APM8601
DUAL CHANNEL SINGLE CELL LINEAR LITHIUM BATTERY
CHARGER WITH 28V OVP and PROGRAMMABLE CHARGE
TIMER
APM8601
Document number: DS35138 Rev. 1 - 2
8 of 14
www.diodes.com
December 2010
© Diodes Incorporated
Functional Description (continued)
INPUTS
DC
Pins 12 and 13 are the DC input. This input will allow charging from input voltages between 4.15V and 7V, and can
withstand up to 28V without device damage although charging is disabled above 7.5V (typ.).
USB
Pin 9 is the USB power input. This input will charge with input voltages from 4.15V to 7V. The charging current
drawn from USB is selected using the USEL pin, either at 95mA (1 USB power allocation unit) or 475mA (5 USB power
allocation units, High Power). Note that RSETI has no effect on USB charging currents in the Charge state, but RSETI does
affect the Prequal current when charging from USB. This pin will also withstand up to 28V, but charging is disabled above
7.5V (typ.).
If both DC and USB are connected and valid, power will be drawn from DC with charge current set by RSETI.
USB and USEL will be ignored.
GND
System ground connection.
EN
Pin 8 is the enable pin of the device. When pulled low the device will operate normally. When high, the device will
remain in the disabled state. For auto-starting, connect pin 8 directly to GND.
SETI
Pin 2 allows the charge currents to be programmed.
ICHARGE
1500
RSETI
=
The charge current setting also changes the currents in prequal and top-off modes (being 10% and 7.5% of ICHARGE
respectively):
RSETI
150
IPREQUAL
=
RSETI
112.5
ITOPOFF
=
This pin can also be used to monitor the battery charging current:
RSETI
1000
VSETI
ICHARGE
×
=
THM
The thermistor connection is on pin 3. This allows the battery temperature to be monitored using a 10k NTC
thermistor, which should be placed as close as possible to the battery cell. If no thermistor is used then this input should be
connected directly to ground. The charger will operate when there is less than 315
Ω on this input (i.e., no thermistor
connected); will be disabled when there is between 315
Ω and 3.94kΩ; enabled when between 3.94kΩ and 28.3kΩ; and
disabled above 28.3k
Ω.
0°C
25°C
50°C
Hot trip Cold Trip
3000
25.1
10
4.6
55.1
‐3.2
3250
27.1
10
4.3
52.6
‐1.3
3500
29.3
10
4
50.5
0.5
3750
31.7
10
3.8
48.6
2.0
Resistance in kΩ at
Typical in °C
Thermistor
Beta
Enabled
0
315
Ω
3.94k
28.3k
RTHM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com