Electronic Components Datasheet Search
  English  ▼

X  

APM8601 Datasheet(PDF) 12 Page - Diodes Incorporated

Part # APM8601
Description  DUAL CHANNEL SINGLE CELL LINEAR LITHIUM BATTERY CHARGER WITH 28V
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APM8601 Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button APM8601 Datasheet HTML 6Page - Diodes Incorporated APM8601 Datasheet HTML 7Page - Diodes Incorporated APM8601 Datasheet HTML 8Page - Diodes Incorporated APM8601 Datasheet HTML 9Page - Diodes Incorporated APM8601 Datasheet HTML 10Page - Diodes Incorporated APM8601 Datasheet HTML 11Page - Diodes Incorporated APM8601 Datasheet HTML 12Page - Diodes Incorporated APM8601 Datasheet HTML 13Page - Diodes Incorporated APM8601 Datasheet HTML 14Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
APM8601
DUAL CHANNEL SINGLE CELL LINEAR LITHIUM BATTERY
CHARGER WITH 28V OVP and PROGRAMMABLE CHARGE
TIMER
APM8601
Document number: DS35138 Rev. 1 - 2
12 of 14
www.diodes.com
December 2010
© Diodes Incorporated
Package Outline Dimensions (All Dimensions in mm)
U-DFN3030-14
Bottom View
Side View
0.10 C
0.08 C
Seating Plane
C
2.95/3.05
2.2/2.4
(Pin #1 ID)
A
B
0.10
C AB
2X-
0.25 B
TOP MARK
Land Pattern Recommendation
(Unit:mm)
14x-0.25
2.40
C0
.3
0.40Typ
Top View
0.15/0.25
0.40Typ.
C
L
C
L
C
L
C
L
(Pin #1 ID)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com