Electronic Components Datasheet Search
  English  ▼

X  

FX105AP3 Datasheet(PDF) 6 Page - CML Microcircuits

Part # FX105AP3
Description  Tone Detector
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX105AP3 Datasheet(HTML) 6 Page - CML Microcircuits

Back Button FX105AP3 Datasheet HTML 2Page - CML Microcircuits FX105AP3 Datasheet HTML 3Page - CML Microcircuits FX105AP3 Datasheet HTML 4Page - CML Microcircuits FX105AP3 Datasheet HTML 5Page - CML Microcircuits FX105AP3 Datasheet HTML 6Page - CML Microcircuits FX105AP3 Datasheet HTML 7Page - CML Microcircuits FX105AP3 Datasheet HTML 8Page - CML Microcircuits FX105AP3 Datasheet HTML 9Page - CML Microcircuits FX105AP3 Datasheet HTML 10Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Tone Detector
FX105A
© 1999 Consumer Microcircuits Limited
6
D/105A/5
1.5
General Description
The input signal to the FX105A is ac coupled to the buffer amplifier input, which is internally biased at
50% of supply voltage. The signal appears at the output of the buffer amplifier as an ac voltage
superimposed on the dc bias level. The signal is then coupled via RV and RW to the voltage controlled
oscillator (VCO) and word sampling switches, which cyclically connect C2 and C3 into the circuit to
form four sample-and-hold RC circuit integrators. See Figure 3.
With no input signal level, each capacitor charges to the dc bias level so differential voltages are zero.
When an input signal is applied each capacitor receives an additional charge. This charge is
determined by the integrated average of the signal waveform during the time the capacitor is switched
into the circuit.
Figure 3 shows the operating sequence of the VCO sampling switches and their relationship to a
locked-on in-band signal. C2A and C2B should not receive any additional charge since they always
sample the input as it crosses the dc bias level. Should the signal not be locked to the VCO, a
positive or negative charge voltage will appear on C2A or C2B. This voltage, when differentially
amplified, is applied to the VCO as an error correcting signal to enable the VCO to “lock.”
Figure 3 also shows the operating sequence of the “Word” sampling switches and their relationship to
a locked-on in-band signal. As the figure shows, the charge applied to C3A should always be positive,
and the charge applied to C3B should always be negative (with respect to the common bias level).
These capacitor potentials are differentially amplified and applied to a dc comparator, which switches
at a pre-determined threshold voltage VTH (known as the word filter sensitivity). The comparator
output is a logic signal used to control a counter. This counter switches the FX105A output ON when
the comparator output is maintained in the “Word present” state for a minimum number of consecutive
signal samples. The activated output switch reduces the comparator threshold by 50%, introducing
threshold hysteresis. Output chatter with marginal input signal amplitudes is thereby minimised.
Figure 3 Sampling Clocks of Commutating Filters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com