Electronic Components Datasheet Search
  English  ▼

X  

FX105AP3 Datasheet(PDF) 11 Page - CML Microcircuits

Part # FX105AP3
Description  Tone Detector
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX105AP3 Datasheet(HTML) 11 Page - CML Microcircuits

Back Button FX105AP3 Datasheet HTML 7Page - CML Microcircuits FX105AP3 Datasheet HTML 8Page - CML Microcircuits FX105AP3 Datasheet HTML 9Page - CML Microcircuits FX105AP3 Datasheet HTML 10Page - CML Microcircuits FX105AP3 Datasheet HTML 11Page - CML Microcircuits FX105AP3 Datasheet HTML 12Page - CML Microcircuits FX105AP3 Datasheet HTML 13Page - CML Microcircuits FX105AP3 Datasheet HTML 14Page - CML Microcircuits FX105AP3 Datasheet HTML 15Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Tone Detector
FX105A
© 1999 Consumer Microcircuits Limited
11
D/105A/5
1.6.2.10 Calculation of PLL Filter Phase Shift
Capacitor C4 is used to phase shift the input to the VCO commutating filter by 30°, thus shifting the
sampling clocks by the same amount. This enables the "Word" sampling filter to sample and integrate
at the maxima and minima of the input tone.
C4 = tan (30°) / [2p f0 RV] » 0.092 / [f0 RV] » 164pF
1.6.3
Replacement for FX105
Figure 6 depicts the circuit changes required to replace a FX105 with a FX105A device. A 5V zener
diode and a resistor can be used to generate a 5V supply voltage from an existing 12V supply. If the
Detect Output needs to pull up beyond the 5V supply, a transistor amplifier following the output can
be used.
Figure 6 Circuit changes for 12V to 5V conversion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com