Electronic Components Datasheet Search
  English  ▼

X  

FX118 Datasheet(PDF) 6 Page - CML Microcircuits

Part # FX118
Description  Duplex Frequency Inverter for Cordless Telephones
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX118 Datasheet(HTML) 6 Page - CML Microcircuits

  FX118 Datasheet HTML 1Page - CML Microcircuits FX118 Datasheet HTML 2Page - CML Microcircuits FX118 Datasheet HTML 3Page - CML Microcircuits FX118 Datasheet HTML 4Page - CML Microcircuits FX118 Datasheet HTML 5Page - CML Microcircuits FX118 Datasheet HTML 6Page - CML Microcircuits FX118 Datasheet HTML 7Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Package Outlines
The FX118 is available in the package styles outlined
below. Mechanical package diagrams and specifications
are detailed in Section 10 of this document.
Pin 1 identification marking is shown on the relevant
diagram and pins on all package styles number
anti-clockwise when viewed from the top.
Handling Precautions
The FX118 is a CMOS LSI circuit which includes input
protection. However precautions should be taken to
prevent static discharges which may cause damage.
CML does not assume any responsibility for the use of any circuitry described. No circuit patent licences are implied
and CML reserves the right at any time without notice to change the said circuitry.
6
Ordering Information
FX118DW
16-pin S.O.I.C.
(D4)
FX118P
16-pin plastic DIL
(P3)
NOT TO SCALE
Max. Body Length
20.57mm
Max. Body Width
6.60mm
FX118DW 16-pin S.O.I.C.
(D4)
FX118P
16-pin plastic DIL
(P3)
NOT TO SCALE
Max. Body Length
10.49mm
Max. Body Width
7.59mm



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com