Electronic Components Datasheet Search
  English  ▼

X  

FX118 Datasheet(PDF) 1 Page - CML Microcircuits

Part # FX118
Description  Duplex Frequency Inverter for Cordless Telephones
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX118 Datasheet(HTML) 1 Page - CML Microcircuits

  FX118 Datasheet HTML 1Page - CML Microcircuits FX118 Datasheet HTML 2Page - CML Microcircuits FX118 Datasheet HTML 3Page - CML Microcircuits FX118 Datasheet HTML 4Page - CML Microcircuits FX118 Datasheet HTML 5Page - CML Microcircuits FX118 Datasheet HTML 6Page - CML Microcircuits FX118 Datasheet HTML 7Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
Publication D/118/3 July 1994
CML Semiconductor Products
PRODUCT INFORMATION
Duplex Frequency Inverter
for Cordless Telephones
FX118
Features/Applications
Frequency Inversion Scrambling
Full-Duplex Operation
High Baseband and Carrier
Rejection
Audio Lowpass and Bandpass
Filtering On-Chip
Xtal Oscillator Stabilty
Low Power Requirement
(3.0 Volt Minimum)
Cordless Telephones
Base and Handheld Applications
Input Gain Adjustment
Plastic DIL and S.O.I.C. Package
Styles
FX118
C1 AMP OUT
C1 IN
LPF(1) OUT
B MOD(1) IN
C1 OUT
LPF(1)
INPUT AMP
BAL MOD (1)
BPF(1)
LPF(2) OUT
B MOD(2) IN
C2 AMP OUT
C2 IN
LPF(2)
BAL MOD (2)
BPF(2)
C2 OUT
CLOCKS
and
LOGIC
XTAL/CLOCK
CARRIER
3.3kHz
FILTER CLOCKS
111kHz
VDD
VSS
V
BIAS
INPUT AMP
V
BIAS
V
BIAS
XTAL
CHANNEL 1 (C1)
CHANNEL 2 (C2)
+0.5dB
-4.0dB
+4.0dB
+0.5dB
-4.0dB
+4.0dB
Fig.1 FX118 Duplex Frequency Inverter
Brief Description
The FX118 is a low-power, full-duplex frequency
inverter available to provide voice privacy for cordless
telephone systems by mixing the incoming audio with an
internally produced carrier frequency (3.3kHz).
This chip contains two completely separate audio
channels (C1 and C2) each comprising a “component-
adjustable” input amplifier, a 10th-order lowpass filter, a
balanced modulator and a 14th-order bandpass filter
output.
The on-chip modulation process has the properties of
high baseband and carrier frequency rejection which
when combined with high-order output filtering,
produces a high-quality recovered voiceband audio.
The frequency stability of the FX118 is achieved by an
on-chip oscillator employing an external 4.433619MHz
Xtal or clock input to produce the common carrier
frequency and the sampling clocks for the switched
capacitor low and bandpass filters.
This microcircuit has a low power requirement of 3.0
volts (min.) and is encapsulated in either 16-pin DIL or
small outline SMD (S.O.I.C.) plastic packages both of
which are of a physical size suitable for either base or
handset type telephone instruments as well as battery-
portable and mobile communications systems.


Similar Part No. - FX118

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
FX1101 PERKINELMER-FX1101 Datasheet
1Mb / 4P
High Stability Short Arc Xenon Flashlamps
FX1102 PERKINELMER-FX1102 Datasheet
1Mb / 4P
High Stability Short Arc Xenon Flashlamps
logo
CML Microcircuits
FX1103 CMLMICRO-FX1103 Datasheet
216Kb / 4P
LOW POWER CONSUMPTION
logo
PerkinElmer Optoelectro...
FX1103 PERKINELMER-FX1103 Datasheet
1Mb / 4P
High Stability Short Arc Xenon Flashlamps
FX1104 PERKINELMER-FX1104 Datasheet
1Mb / 4P
High Stability Short Arc Xenon Flashlamps
More results

Similar Description - FX118

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8106TB NEC-UPC8106TB Datasheet
185Kb / 24P
SILICON MMIC 2.0 GHz FREQUENCY UP-CONVERTER FOR CELLULAR/CORDLESS TELEPHONES
logo
NXP Semiconductors
PCD5032 PHILIPS-PCD5032 Datasheet
136Kb / 24P
ADPCM CODEC for digital cordless telephones
1997 Apr 03
logo
Sanyo Semicon Device
LA8638V SANYO-LA8638V Datasheet
399Kb / 16P
Low-voltage Compander IC for Cordless Telephones
logo
Asahi Kasei Microsystem...
AK2368 AKM-AK2368 Datasheet
800Kb / 25P
BASE-BAND LSI FOR CORDLESS TELEPHONES
logo
Toshiba Semiconductor
TLP222G TOSHIBA-TLP222G Datasheet
138Kb / 6P
Cordless Telephones PBX Modems
logo
List of Unclassifed Man...
MX118P ETC1-MX118P Datasheet
362Kb / 7P
FULL-DUPLEX SCRAMBLER FOR CORDLESS TELEPHONES
logo
Toshiba Semiconductor
TLP222G TOSHIBA-TLP222G_07 Datasheet
189Kb / 6P
Cordless Telephones
logo
CML Microcircuits
MX118 CMLMICRO-MX118 Datasheet
368Kb / 7P
FULL-DUPLEX SCRAMBLER FOR CORDLESS TELEPHONES
logo
Toshiba Semiconductor
TLP222G TOSHIBA-TLP222G_14 Datasheet
255Kb / 6P
Cordless Telephones PBX Modems
logo
Suntsu Electronics, Inc...
SATCA-3C1GF-DEB1 SUNTSU-SATCA-3C1GF-DEB1 Datasheet
1Mb / 6P
Cordless Home Telephones
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com