Electronic Components Datasheet Search
  English  ▼

X  

IC-WJB Datasheet(PDF) 6 Page - IC-Haus GmbH

Part # IC-WJB
Description  2.7 V LASER DIODE DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-WJB Datasheet(HTML) 6 Page - IC-Haus GmbH

Back Button IC-WJB Datasheet HTML 2Page - IC-Haus GmbH IC-WJB Datasheet HTML 3Page - IC-Haus GmbH IC-WJB Datasheet HTML 4Page - IC-Haus GmbH IC-WJB Datasheet HTML 5Page - IC-Haus GmbH IC-WJB Datasheet HTML 6Page - IC-Haus GmbH IC-WJB Datasheet HTML 7Page - IC-Haus GmbH IC-WJB Datasheet HTML 8Page - IC-Haus GmbH IC-WJB Datasheet HTML 9Page - IC-Haus GmbH IC-WJB Datasheet HTML 10Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
iC-WJB
2.7 V LASER DIODE DRIVER
Rev E1, Page 6/12
APPLICATIONS INFORMATION
Laser Power Adjustment
The iC-WJB device can be adapted to CW laser diodes
of up to 40 mW. When the supply voltage is higher than
approx. 4.5 V, LD models in common cathode configu-
ration can be used.
The pin ISET is used for the adjustment to the sensi-
tivity of the monitor diode and to set the desired optical
laser power. The setpoint for the averaging control of
the monitor diode current is pre-set at this pin.
+5V
AMD
CI
CWD
GND
VCC
IN
ISET
KLD
MD
LD
24k
Ω
RSET
2
1
REF
VCC
REF
3
1
4
3
iC−WJB
C1
47uF
470nF
CI
0..2
Ω
R1
2nF
C3
4
6
2
3
1
7
8
5
REFERENCE
WATCHDOG
THERMAL
POWER DOWN
INPUT
DRIVER STAGE
SHUTDOWN
Figure 1: Circuit diagram for LD models with a common cathode
To calculate the current required at ISET, the average
optical laser power is to determine:
Pav = Ppeak ∗
twhi
T
with peak value Ppeak and pulse/period duration twhi/T.
twhi
T
twlo
Figure 2: Duty cycle
Example for CW operation
Pcw = 1 mW (pin IN at VCC, pin CWD open), laser
diode maximum optical output of 3 mW, monitor diode
with 0.75 mA at 3 mW.
At Pav = Pcw = 1 mW, the monitor diode current is
0.25 mA and RSET is calculated to:
RSET =
CR1 ∗ V (ISET )
Iav (AMD)
=
3 ∗ 1.22 V
0.25 mA
= 14.64 k Ω
with Electrical Characteristics No. 301 for V(ISET) and
No. 107 for current ratio CR1.
Example for pulse operation
Pulse duty factor twhi/T set to 20 % at Ppeak = 3 mW,
laser diode as above with maximum optical output of
3 mW, monitor diode with 0.75 mA at 3 mW.
The average optical power is set to 0.6 mW by the
pulse duty factor; the average monitor diode current
IAV is then 0.15 mA. The resistor RSET is calculated
to:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com