Electronic Components Datasheet Search
  English  ▼

X  

IC-WJB Datasheet(PDF) 7 Page - IC-Haus GmbH

Part # IC-WJB
Description  2.7 V LASER DIODE DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-WJB Datasheet(HTML) 7 Page - IC-Haus GmbH

Back Button IC-WJB Datasheet HTML 3Page - IC-Haus GmbH IC-WJB Datasheet HTML 4Page - IC-Haus GmbH IC-WJB Datasheet HTML 5Page - IC-Haus GmbH IC-WJB Datasheet HTML 6Page - IC-Haus GmbH IC-WJB Datasheet HTML 7Page - IC-Haus GmbH IC-WJB Datasheet HTML 8Page - IC-Haus GmbH IC-WJB Datasheet HTML 9Page - IC-Haus GmbH IC-WJB Datasheet HTML 10Page - IC-Haus GmbH IC-WJB Datasheet HTML 11Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
iC-WJB
2.7 V LASER DIODE DRIVER
Rev E1, Page 7/12
RSET =
CR1 ∗ V (ISET )
Iav (AMD)
=
3 ∗ 1.22 V
0.15 mA
= 24.4 k Ω
with the Electrical Characteristics No. 301 for V(ISET)
and No. 108 for current ratio CR1.
Averaging control (APC)
The control of the average optical laser power requires
a capacitor at pin CI. This capacitor is used for aver-
aging and must be adjusted to the selected pulse rep-
etition frequency and the charging current preset with
RSET. The ratios are linear in both cases, i.e. the ca-
pacitor CI must be increased in size proportionally as
the pulse repetition frequency slows or the current from
ISET increases:
CI ≥
440 ∗ I(ISET )
f ∗ V (ISET )
=
440
f ∗ RSET
Example
Pulse repetition frequency 100 kHz, RSET = 10 kΩ:
CI = 440 nF, chosen 470 nF.
Otherwise the charging of the capacitor CI during the
pulse pauses (with I(ISET) = 1.22 V / RSET) will create
an excessive average value potential and may destroy
the laser diode during the next pulse. The capacitor CI
is correctly dimensioned when the current through the
laser diode and the optical output signal do not show
any overshots following the rising edge.
In steady-state condition and for a pulse duty factor of
50 % (pulse / pause = 1:1), wave forms as shown in
Figure 3.
I(AMD)
V(CI)
V(IN)
Time
2.552 V
2.550 V
0 A
250 uA
0 V
5.0 V
Figure 3: Steady-state APC, f(IN) = 100 kHz (1:1),
CI = 470 nF, RSET = 10 kΩ
Figure 4 shows the corresponding signals for a pulse
duty factor of 20 %. The influence of the pulse duty
factor on the peak value of the monitor current pro-
portional to the laser current is apparent. The average
kept constant by the control (RSET unchanged) means
a peak value increased by the factor 2.5. The pulse
duty factor for which RSET was dimensioned should
therefore be kept constant if possible.
Time
I(AMD)
600 uA
0 A
3.120 V
3.118 V
V(IN)
5.0 V
0 V
V(CI)
Figure 4: Steady-state APC, f(IN) = 100 kHz (1:4),
CI = 470 nF, RSET = 10 kΩ
0 s
2 ms
4 ms
6 ms
8 ms
10 ms
12 ms
I(KLD)
0 A
V(CI)
3.0 V
2.0 V
1.0 V
0 V
Figure 5: Turn-on behaviour, f(IN) = 100 kHz (1:1),
CI = 470 nF, RSET = 10 kΩ
Turn-on and turn-off behaviour
Capacitor CI also determines the starting time from
switching on the supply voltage VCC to steady-state
laser pulse operation or after a discharge of CI by
the watchdog. The following applies to estimating the
starting time (Figure 5):
Ton ≈
1.7 V ∗ CI
I(ISET )
=
1.7 V ∗ CI ∗ RSET
1.22 V
Example
CI = 470 nF, RSET = 10 kΩ: Ton ≈ 6.5 ms
Figure 6 shows a detailed view of the start of laser
operation; Figure 7 shows the shut-down behaviour.
The decline in the voltage at CI and the absence of the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com