Electronic Components Datasheet Search
  English  ▼

X  

ZABG6002 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # ZABG6002
Description  LOW POWER 6 STAGE FET LNA AND MIXER BIAS CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZABG6002 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button ZABG6002 Datasheet HTML 4Page - Diodes Incorporated ZABG6002 Datasheet HTML 5Page - Diodes Incorporated ZABG6002 Datasheet HTML 6Page - Diodes Incorporated ZABG6002 Datasheet HTML 7Page - Diodes Incorporated ZABG6002 Datasheet HTML 8Page - Diodes Incorporated ZABG6002 Datasheet HTML 9Page - Diodes Incorporated ZABG6002 Datasheet HTML 10Page - Diodes Incorporated ZABG6002 Datasheet HTML 11Page - Diodes Incorporated ZABG6002 Datasheet HTML 12Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ZABG6002
ZABG6002
Document number: DS32078 Rev. 1 - 2
9 of 12
www.diodes.com
May 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
General Operation
In both modes the RCAL 1 and RCAL 2 pins can also be used as logic inputs. If set to a logic high state (>3.0V), the
associated FET bias stages programmed for LNA use (2V drains) are disabled by driving gate pins to -2,5V and
switching drain pins open-circuit. This feature can be used as part of a power management system that turns off
any unwanted stages in a multi input receiver.
The ZABG6002 includes a switched capacitor DC-DC converter that is used to generate the negative supply
required to bias depletion mode FETs used in common source circuit configuration as shown above. This converter
uses two external capacitors, CNB the charge transfer capacitor and CSUB the output reservoir capacitor. The circuit
provides a regulated -2.5V supply both for gate driver use and for external use if required (for extra discrete bias
stages, mixer bias, local oscillator bias etc.). The -2.5V supply is available from the CSUB pin.
If any bias stages are not required, their gate and drain pins may be left open circuit. If all bias stages associated
with an RCAL resistor are not required, then this resistor may be omitted.
It must be noted that the exposed pad of the QFN package must be either left floating or connected to Csub.
Ordering Information
Device
Package
Reel size (inches)
Tape width (mm)
Quantity per reel
ZABG6002JB20TC
QFN2044
13
12
3,000
ZABG6002Q20TC
QSOP20
13
16
2,500
Marking Information
 
Part Name
Pin 1
ZABG6002
YYWW
Date Code
ZABG
6002
YYWW
Pin 1
Part Name
Date Code
Year/Week
QFN2044
QSOP20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com