Electronic Components Datasheet Search
  English  ▼

X  

FX589 Datasheet(PDF) 5 Page - CML Microcircuits

Part # FX589
Description  Low-Voltage/High-Speed GMSK Modem
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX589 Datasheet(HTML) 5 Page - CML Microcircuits

  FX589 Datasheet HTML 1Page - CML Microcircuits FX589 Datasheet HTML 2Page - CML Microcircuits FX589 Datasheet HTML 3Page - CML Microcircuits FX589 Datasheet HTML 4Page - CML Microcircuits FX589 Datasheet HTML 5Page - CML Microcircuits FX589 Datasheet HTML 6Page - CML Microcircuits FX589 Datasheet HTML 7Page - CML Microcircuits FX589 Datasheet HTML 8Page - CML Microcircuits FX589 Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5
Application Information ......
Fig.4 Minimum µController System Connections
Note the device operation is not guaranteed
above 64,000 bits/s or below 4,000 bits/s at
the relevant supply voltage
Table 1 Clock/Data Rates
* V
DD >= 4.5V
A division ratio to facilitate data-rate setting is
controlled by the logic level inputs on the ClkDivA/B
pins, and is shown in Table 1 (below) - together with
examples of how various ‘standard’ data-rates may be
derived from common µP or Xtal frequencies.
Data Rate =
Xtal/Clock Frequency
Division Ratio (ClkDivA/B)
FX589
GMSK MODEM
Rx
CIRCUITS
Tx
CIRCUITS
Rx DATA
Rx CLOCK
Tx DATA
Tx CLOCK
Tx OUT
SIGNAL AND
DC LEVEL
ADJUSTMENT
SIGNAL AND
DC LEVEL
ADJUSTMENT
Rx SIGNAL IN
Rx FEEDBACK
Rx FREQUENCY
DISCRIMINATOR
RxD
RxC
TxD
TxC
µCONTROLLER
or UART
FREQUENCY
MODULATOR
Fig.3 External Signal Paths
Clock Oscillator and Dividers
The Tx and (nominal) Rx data rates are determined
by division of the frequency present at the Xtal pin,
which may be generated by the on-chip Xtal oscillator
or be derived from an external source. Any Xtal/clock
frequency in the range 1.0MHz to 5.0MHz (V
DD = 3.0V)
or 1.0MHz to 8.2MHz (V
DD = 5.0V) may be employed,
depending upon the desired data rate.
Xtal/Clock Frequency (MHz)
8.192
4.9152
4.096
2.4576
2.048
[12.288/3]
[12.288/5]
[6.144/3]
Inputs
Division Ratio:
ClkDiv ClkDiv
Xtal Freq
Data Rate (b/s)
A
B
Data Rate
0
0
128
64000*
38400*
32000
19200
16000
0
1
256
32000
19200
16000
9600
8000
1
0
512
16000
9600
8000
4800
4000
1
1
1024
8000
4800
4000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com