Electronic Components Datasheet Search
  English  ▼

X  

FX589 Datasheet(PDF) 13 Page - CML Microcircuits

Part # FX589
Description  Low-Voltage/High-Speed GMSK Modem
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX589 Datasheet(HTML) 13 Page - CML Microcircuits

Back Button FX589 Datasheet HTML 9Page - CML Microcircuits FX589 Datasheet HTML 10Page - CML Microcircuits FX589 Datasheet HTML 11Page - CML Microcircuits FX589 Datasheet HTML 12Page - CML Microcircuits FX589 Datasheet HTML 13Page - CML Microcircuits FX589 Datasheet HTML 14Page - CML Microcircuits FX589 Datasheet HTML 15Page - CML Microcircuits FX589 Datasheet HTML 16Page - CML Microcircuits FX589 Datasheet HTML 17Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
13
Application Information ......
Two Point Modulation ......
FX589
Tx OUT
+14dB to -14dB
Buffer
+3dB to -3dB
CONTROL
+3dB to -3dB
+3dB to -3dB
A
B
C
D
Tx VCO
To Tx
REF Osc (+)
To Tx
REF Osc (-)
V
SS
V
SS
V
SS
V
SS
V
VCO
C
1
R
1
Fig.2
External
RC
R
3
R
2
R
4
V
REF (+)
V
REF (-)
With reference to the FX019 Data Sheet
Stage A = FX019 Channel 4
Stage B = FX019 Channel 1
Stage C = FX019 Channel 2
Stage D = FX019 Channel 3
Note that ALL stages of the FX019 are ’Inverting’ stages
‘Acquisition’ and ‘Hold’ Modes
The ‘RxDCacq’ and ‘PLLacq’ inputs must be pulsed
‘High’ for about 16 bits at the start of reception to
ensure that the dc measurement and timing extraction
circuits lock-on to the received signal correctly. Once
lock has been achieved, then the above inputs should
be taken ‘Low’ again.
In most applications, there will be a dc step in the
output voltage from the receiver FM discriminator due
to carrier frequency offsets as channels are changed or
when the distant transmitter is turned on.
The FX589 can tolerate dc offsets in the received
signal of at least +/- 0.5V with respect to V
BIAS,
(measured at the Rx Feedback pin) however to ensure
that the dc offset compensation circuit operates
correctly and with minimum delay, the ‘Low’ to ‘High’
transition of the ‘RxDCacq’ and ‘PLLacq’ inputs should
occur after the mean input voltage to the FX589 has
settled to within about 0.1V of its final value. (Note that
this can place restrictions on the value of any series
signal coupling capacitor.)
As well as using the ‘Rx Hold’ input to freeze the
Level Measuring and Clock Extraction circuits during a
Where data is transmitted in bursts, each burst
should be preceded by a preamble designed to allow
the receive modem to establish timing and level lock as
quickly as possible. This preamble should be at least
16 bits long, and should preferably consist of
alternating pairs of ‘1’s and ‘0’s i.e. ‘110011001100
.....’; the pattern ‘10101010 ....’ should not be used.
Data Formats
The receive section of the FX589 works best with
data which has a reasonably ‘random’ structure --the
data should contain approximately the same number of
‘ones’ as ‘zeroes’ with no long sequences of
consecutive ‘ones’ or ‘zeroes’. Also, long sequences
(>100 bits) of ‘10101010 ...’ patterns should be avoided.
For this reason, it is recommended that data is
scrambled in some manner before transmission, for
example by ‘exclusive-ORing’ it with the output of a
binary pseudo-random pattern generator.
Fig.13 An Example of Two-Point Modulation Drive with Individual Adjustment Using the FX019
signal ‘fade’, it may also be used in systems which
employ a continuously transmitting control channel to
freeze the receive circuitry during transmission of a
data packet, allowing reception to resume afterwards
without losing bit synchronisation.
To achieve this, the FX589 ‘Xtal’ clock needs to be
accurate enough that the derived ‘RxClock’ output does
not drift by more that about 0.1 bit time from the actual
received data-rate during the time that the ‘RxHold’
input is ‘Low’.
The ‘RxDCacq’ input, however, may need to be
pulsed ‘High’ to re-establish the level measurements if
the ‘RxHold’ input is ‘Low’ for more that a few hundred
bit-times.
The voltages on the Doc1 and Doc2 pins reflect the
average peak positive and negative excursions of the
(filtered) receive signal, and could therefore be used to
derive a measure of the data signal amplitude.
Note however, that these pins are driven from very
high-impedance circuits, so that the dc load presented
by any external circuitry should exceed 10M
Ω to V
BIAS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com