Electronic Components Datasheet Search
  English  ▼

X  

FX589P Datasheet(PDF) 15 Page - CML Microcircuits

Part # FX589P
Description  Low-Voltage/High-Speed GMSK Modem
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX589P Datasheet(HTML) 15 Page - CML Microcircuits

Back Button FX589P Datasheet HTML 10Page - CML Microcircuits FX589P Datasheet HTML 11Page - CML Microcircuits FX589P Datasheet HTML 12Page - CML Microcircuits FX589P Datasheet HTML 13Page - CML Microcircuits FX589P Datasheet HTML 14Page - CML Microcircuits FX589P Datasheet HTML 15Page - CML Microcircuits FX589P Datasheet HTML 16Page - CML Microcircuits FX589P Datasheet HTML 17Page - CML Microcircuits FX589P Datasheet HTML 18Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
15
Specification ......
Characteristics
See Note
Min.
Typ.
Max.
Unit
Receive Parameters
Rx Amplifier -
Input Impedance
1.0
-
-
M
Ω
Output Impedance
7
-
10.0
-
k
Ω
Voltage Gain
-
50.0
-
dB
Rx Filter Signal Input Level
8, 11
0.7
1.0
1.3
V p-p
Rx Time Delay
9
-
-
3.0
bit-periods
On-Chip Xtal Oscillator
R
IN
10.0
-
-
M
Ω
R
OUT
12
-
50.0
-
k
Ω
Voltage Gain
12
-
25.0
-
dB
Notes
1. Not including current drawn from the FX589 pins by external circuitry. See Absolute Maximum Ratings.
2. For V
IN in the range VSS to VDD.
3
For a load of 10k
Ω or greater. Tx PS input at logic “0”; Tx Enable = “1”.
4. Data pattern of “1111000011110000 ..”
5. Measured between the rising edge of ‘Tx Clock’ and the centre of the corresponding bit at ‘Tx Out.’
6. Time between the falling edge of ‘Tx PS’ and the ‘Tx Out’ voltage stabilising to normal output levels.
7. For a load of 10k
Ω or greater. Rx PS input at logic “0”.
8. For optimum performance, measured at the ‘Rx Feedback’ pin for a “1111000011110000 ...” pattern.
9. Measured between the centre of bit at ‘Rx Signal In’ and corresponding rising edge of the ‘Rx Clock’.
10. Timing for an external clock input to the Xtal/Clock pin.
11. 'Typical' level shown is at V
DD = 5.0V; actual levels are proportional to applied VDD.
12. Small signal measurement at 1.0kHz with no load on Xtal output.
13. Data rate may be extended to 80kb/s at BT = 0.5 and V
DD = 4.5 to 5.5 V only. In this case a 10.24MHz
Xtal may be used, care must be taken with the external components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com